Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR350-4-154 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR350-4-154
Description  SHIELDED SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR350-4-154 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR350-4-154 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 17, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
XXX
7.0 0.2
2.2
1.5
4.9
1.5
PCB PAD LAYOUT (REF.)
SIDE VIEW
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH) ± 20%
DCR
(
Ω) ± 20%
I rms
(A) Max.
I sat
(A) Max.
DR350-4-332
3.3
0.020
2.30
2.50
DR350-4-472
4.7
0.030
2.10
2.00
DR350-4-682
6.8
0.039
1.74
1.70
DR350-4-103
10.0
0.036
1.78
1.30
DR350-4-153
15.0
0.052
1.53
1.10
DR350-4-223
22.0
0.061
1.34
0.90
DR350-4-333
33.0
0.096
1.09
0.82
DR350-4-473
47.0
0.125
0.92
0.75
DR350-4-683
68.0
0.175
0.77
0.60
DR350-4-104
100.0
0.250
0.65
0.50
DR350-4-154
150.0
0.340
0.55
0.40
DR350-4-224
220.0
0.520
0.45
0.33
DR350-4-334
330.0
0.740
0.37
0.25
DR350-4-474
470.0
1.050
0.31
0.22
DR350-4-684
680.0
1.480
0.27
0.20
DR350-4-105
1000.0
2.280
0.25
0.14
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 1kHz, 0.5Vrms
4.
Irms for an approximate 45°C temperature rise
5.
Isat for an approximate 20% drop maximum of the nominal value
6.
Tape and reel quantity, 1000 pcs/reel
7.
For non-RoHS part replace DR prefix with 42- (e.g. DR350-4 becomes 42-350-4)
8.
Component Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
SHIELDED SMD INDUCTOR DR350-4 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 3.3µH to 1000.0µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 7)
7.0 0.2
4.5 0.3
SCHEMATIC
2
BOTTOM VIEW
1
2.0
4.9
1
2
TOP VIEW


Similar Part No. - DR350-4-154

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR350-4-154 DATATRONICS-DR350-4-154 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR350-4 SERIES
More results

Similar Description - DR350-4-154

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-5-103 DATATRONICS-DR350-5-103 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com