Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR349-6-222 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR349-6-222
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-6-222 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR349-6-222 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-6-222 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
PART NO.
INDUCTANCE (
µH)
@ 0A
DCR (
Ω) MAX.
MAX. RATED CURRENT
(mA) TYP.
DR349-6-103
10.00
±10%
@2.52MHz
3.50
155
DR349-6-123
12.00
±10%
@2.52MHz
3.80
150
DR349-6-153
15.00
±10%
@2.52MHz
4.40
140
DR349-6-183
18.00
±10%
@2.52MHz
4.80
130
DR349-6-223
22.00
±10%
@2.52MHz
5.50
125
DR349-6-273
27.00
±10%
@2.52MHz
6.30
115
DR349-6-333
33.00
±10%
@2.52MHz
7.10
110
DR349-6-393
39.00
±10%
@2.52MHz
9.50
90
DR349-6-473
47.00
±10%
@2.52MHz
11.10
80
DR349-6-563
56.00
±10%
@2.52MHz
12.10
75
DR349-6-683
68.00
±10%
@2.52MHz
16.60
70
DR349-6-823
82.00
±10%
@2.52MHz
19.00
65
DR349-6-104
100.0
±10%
@0.796MHz
21.00
60
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”.
2.
General tolerance
±0.1mm unless otherwise specified.
3.
Tape and reel quantity, 1500 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR349-6 becomes 42-349-6).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
DR349-6
TOP VIEW
2.50
± 0.20
0.40
2.00
± 0.20
1.80
± 0.20
1.40
FRONT VIEW
SIDE VIEW
1.50
1.20
2.00
PCB SOLDER
PAD LAYOUT (REF.)


Similar Part No. - DR349-6-222

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR349-6-222 DATATRONICS-DR349-6-222 Datasheet
65Kb / 2P
   SMD INDUCTOR DR349-6 SERIES
More results

Similar Description - DR349-6-222

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com