Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF-32N Datasheet(PDF) 1 Page - Epson ToYoCom

Part # FF-32N
Description  SAW FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FF-32N Datasheet(HTML) 1 Page - Epson ToYoCom

  FF-32N Datasheet HTML 1Page - Epson ToYoCom FF-32N Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
SAW
SAW
SAW
SAW Filter
Filter
Filter
Filter
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
300 MHz to 500 MHz
426 MHz, 429 MHz band*
*ARIB std. T67 in Japan
Storage temperature range
T_stg
-55
°C to +125 °C
-55
°C to +125 °C
Store as bare product after unpacking
Operating temperature range
T_use
-40
°C to +85 °C
-10
°C to +60 °C
Insertion Loss
IL
3.5 dB Max.
3.5 dB Max.
Minimum Loss
Pass bandwidth
P_Bw
f_nom ±200 kHz Min.
f_nom ±300 kHz Min.
Reference to minimum loss
(3 dB down)
Guaranteed attenuation
G_Att
f_nom -21.4 MHz : 40 dBMin.
f_nom -10.7 MHz : 35 dBMin.
f_nom -21.4 MHz : 40 dB Min.
f_nom -10.7 MHz : 35 dB Min.
Reference to minimum loss
Turnover temperature
Ti
+25
°C ±15 °C
+25
°C ±15 °C
Temperature coefficient
B
-(3.4
±0.8) × 10-8 / °C2
-(3.4
±0.8) × 10-8 / °C2
370
Ω Typ.
Ex: 315 MHz
160
Ω Typ.
Ex: 433.92 MHz
Terminal impedance
Zt
220
Ω Typ.
Ex: 429.45 MHz
Test fixture
External dimension
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
SAW FILTER
FF-32N
•Frequency range
:
300 MHz to 500 MHz
•Thickness
:
0.98 mm Typ.
•Applications
:
Wireless remote-control, Security
(Automotive keyless entry,
ARIB std. T67 in Japan)
•Filter of low impedance by an original design.
•Low-loss, Narrow Pass bandwidth, High stability by using
crystal substrate.
3.8±0.15
#1
#6
#3
#4
0.98±0.15
F4339
F4339
F4339
F4339
E 129N
E 129N
E 129N
E 129N
1.27
#1
#3
#4
0.64
#2
#5
#6
2.54
1.27
2.54
0.9
Pin map
Pin
Connection
1,3,4,6
GND
2,5
IN,OUT
#2
#5
#1,#3,#4,#6 are connected to the cover.
Remarks
Ex: f_nom =315 MHz
Ex: f_nom =429.45 MHz
Series Capacitance = 4 pF
Series Capacitance =4 pF
Parallel Inductance =33 nH
Parallel Inductance =18 nH
Ex: f_nom =433.92 MHz
Series Capacitance =5 pF
Parallel Inductance =18 nH
SAW
50
50
L
L
C
C
Product number (please contact us)
FF-32N : Q51FF32N0xxxx00


Similar Part No. - FF-32N

ManufacturerPart #DatasheetDescription
logo
Epson Company
FF-32N EPSON-FF-32N Datasheet
355Kb / 2P
   SAW FILTER For Automotive
More results

Similar Description - FF-32N

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com