Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FC-12M Datasheet(PDF) 1 Page - Epson ToYoCom

Part No. FC-12M
Description  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPSONTOYOCOM [Epson ToYoCom]
Homepage  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FC-12M Datasheet(HTML) 1 Page - Epson ToYoCom

  FC-12M Datasheet HTML 1Page - Epson ToYoCom FC-12M Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
32 kHz to 77.5 kHz
Please contact us for inquiries
regarding available frequencies.
Storage
temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating
temperature
T_use
-40
°C to +85 °C
Level of drive
DL
0.5
µW Max.
Frequency tolerance
(standard)
f_tol
±20 × 10
-6
±30 × 10
-6
+25
°C, DL=0.1 µW
Please ask for tighter tolerance
Turnover temperature
Ti
+25
°C ±5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
12.5 pF
Motional resistance (ESR)
R1
90 k
Ω Max.
90 k
Ω to 65 kΩ
Motional capacitance
C1
6.4 fF Typ.
7.0 fF to 2.7 fF
Shunt capacitance
C0
1.3 pF Typ.
1.6 pF to 0.8 pF
Frequency aging
f_age
±3 × 10
-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FC - 12M
•Frequency range
:
32.768 kHz (32 kHz to 77.5 kHz)
•Thickness
:
0.6 mm Max.
•Overtone order
:
Fundamental
•Applications
:
Small communications devices
Product Number (please contact us)
X1A0000x1xxxx00
2.05±0.05
E634J
#1
#2
Internal
connection
1.0
#
#2
0.525
#1
0.7
1.5
∗Do not design any patterns on shaded area.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn