Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR340-5-394 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR340-5-394
Description  SHIELDED POWER INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR340-5-394 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR340-5-394 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR340-5-394 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
February 28, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 1 of 2
ELECTRICAL SPECIFICATIONS AT 25°C
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance (µH) ± 20%
Test Frequency
DCR (Ω) Max.
IDC (A) Max.
DR340-5-103
10
1kHz
0.049
1.84
DR340-5-123
12
1kHz
0.058
1.71
DR340-5-153
15
1kHz
0.081
1.47
DR340-5-183
18
1kHz
0.091
1.31
DR340-5-223
22
1kHz
0.110
1.23
DR340-5-273
27
1kHz
0.150
1.12
DR340-5-333
33
1kHz
0.170
0.96
DR340-5-393
39
1kHz
0.230
0.91
DR340-5-473
47
1kHz
0.260
0.88
DR340-5-563
56
1kHz
0.350
0.75
DR340-5-683
68
1kHz
0.380
0.69
DR340-5-823
82
1kHz
0.430
0.61
DR340-5-104
100
1kHz
0.610
0.60
DR340-5-124
120
1kHz
0.660
0.52
DR340-5-154
150
1kHz
0.880
0.46
DR340-5-184
180
1kHz
0.980
0.42
DR340-5-224
220
1kHz
1.170
0.36
DR340-5-274
270
1kHz
1.640
0.34
DR340-5-334
330
1kHz
1.860
0.32
DR340-5-394
390
1kHz
2.850
0.29
DR340-5-474
470
1kHz
3.010
0.26
DR340-5-564
560
1kHz
3.620
0.23
DR340-5-684
680
1kHz
4.630
0.22
DR340-5-824
820
1kHz
5.200
0.20
DR340-5-105
1000
1kHz
6.000
0.18
SHIELDED POWER INDUCTOR DR340-5 SERIES
Features
Maximum Height: 4.5mm
Footprint: 7.3mm x 7.3mm
Inductance Range from 10
µH to 1.0mH
Non-RoHS Versions are Available
(Note 5)


Similar Part No. - DR340-5-394

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-394 DATATRONICS-DR340-5-394 Datasheet
92Kb / 2P
   SHIELDED POWER INDUCTOR DR340-5 SERIES
More results

Similar Description - DR340-5-394

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com