Electronic Components Datasheet Search |
|
DR335-105 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc. |
|
DR335-105 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc. |
|
1 / 1 page June 7, 2007 DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice. SMD INDUCTOR DR335 SERIES Features Low Profile Surface Mount Design Inductance Range from 1.8 µH to 1000µH Operating Temp. -20°C to +80°C Tinned Leads with Leaded Solder is Available (note 4) ELECTRICAL SPECIFICATIONS AT 25ºC PART No. INDUCTANCE ( µH) DCR ( Ω) Max. RATED CURRENT (A) Max. DR335-182 1.8 ± 20% @ 7.96MHz 0.035 3.50 DR335-272 2.7 ± 20% @ 7.96MHz 0.041 3.30 DR335-472 4.7 ± 20% @ 7.96MHz 0.048 3.00 DR335-682 6.8 ± 20% @ 7.96MHz 0.050 2.70 DR335-822 8.2 ± 20% @ 7.96MHz 0.055 2.50 DR335-103 10 ± 20% @ 2.52MHz 0.06 2.30 DR335-123 12 ± 20% @ 2.52MHz 0.07 2.00 DR335-153 15 ± 20% @ 2.52MHz 0.08 1.80 DR335-183 18 ± 20% @ 2.52MHz 0.10 1.61 DR335-223 22 ± 20% @ 2.52MHz 0.11 1.50 DR335-273 27 ± 10% @ 2.52MHz 0.13 1.30 DR335-333 33 ± 10% @ 2.52MHz 0.14 1.20 DR335-393 39 ± 10% @ 2.52MHz 0.16 1.10 DR335-473 47 ± 10% @ 2.52MHz 0.20 1.10 DR335-563 56 ± 10% @ 2.52MHz 0.24 0.94 DR335-683 68 ± 10% @ 2.52MHz 0.28 0.85 DR335-823 82 ± 10% @ 2.52MHz 0.37 0.78 DR335-104 100 ± 10% @ 1kHz 0.44 0.72 DR335-124 120 ± 10% @ 1kHz 0.47 0.66 DR335-154 150 ± 10% @ 1kHz 0.64 0.58 DR335-184 180 ± 10% @ 1kHz 0.71 0.51 DR335-224 220 ± 10% @ 1kHz 0.96 0.49 DR335-274 270 ± 10% @ 1kHz 1.11 0.42 DR335-334 330 ± 10% @ 1kHz 1.26 0.40 DR335-394 390 ± 10% @ 1kHz 1.77 0.36 DR335-474 470 ± 10% @ 1kHz 1.96 0.34 DR335-105 1000 ± 10% @ 1kHz 3.96 0.23 MECHANICAL OUTLINES XXX NOTES: 1. All dimensions are shown in millimeters “mm” [inches “in”]. 2. General tolerance ±0.25mm [0.010 in.], unless otherwise specified. 3. Tape and reel quantity, 1000 pcs/reel. 4. For non-RoHS parts, replace DR prefix with 42- (e.g. DR335 becomes 42-335). 5. Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C. 7.90 [0.311] PCB SOLDER PAD LAYOUT (REF.) 7.20 [0.283] 1.60 [0.063] SCHEMATIC 2 1 7.00±0.3 [0.276] 7.70±0.3 [0.303] TOP VIEW BOTTOM VIEW 1.80 [0.071] SIDE VIEW 4.80 [0.189] 5.00 [0.197] |
Similar Part No. - DR335-105 |
|
Similar Description - DR335-105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |