Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE556 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SE556
Description  DUAL PRECISION TIMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE556 Datasheet(HTML) 2 Page - Texas Instruments

  SE556 Datasheet HTML 1Page - Texas Instruments SE556 Datasheet HTML 2Page - Texas Instruments SE556 Datasheet HTML 3Page - Texas Instruments SE556 Datasheet HTML 4Page - Texas Instruments SE556 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023C – APRIL 1978 – REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each timer)
RESET
TRIGGER VOLTAGE†
THRESHOLD VOLTAGE†
OUTPUT
DISCHARGE SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
< 1/3 VDD
Irrelevant
High
Off
High
> 1/3 VDD
> 2/3 VDD
Low
On
High
> 1/3 VDD
> 2/3 VDD
As previously established
† Voltage levels shown are nominal.
functional block diagram, each timer
R1
R
S
1
OUT
RESET
VCC
CONT
R
R
R
GND
DISCH
THRES
TRIG
RESET can override TRIG, which can override THRES.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (CONT, RESET, THRES, and TRIG)
VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
±225 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or N package
260
°C
. . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51.
DISSIPATION RATING TABLE
PACKAGE
TA
≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
J
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW


Similar Part No. - SE556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE556 PHILIPS-SE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
STMicroelectronics
SE556 STMICROELECTRONICS-SE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
SE556 STMICROELECTRONICS-SE556 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
logo
Texas Instruments
SE556 TI-SE556 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
SE556 TI1-SE556 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - SE556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556J TI-NE556J Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com