Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR217-4-222 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR217-4-222
Description  RADIAL LEADED INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-4-222 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR217-4-222 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 20, 2006
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
±1,00
TYP
.413 MAX.
10,50
.590 MIN.
15,00
.118 MAX.
3,00
Ø .374 MAX.
9,50
Ø.025
0,65
.196
5,00
1
2
±.039
Part Number
Inductance
(uH) @1kHz
Q
Min.
Q Test
Freq.
SRF (MHz)
Ref.
DCR (Ohm)
Max.
Rated
Current
(A)
Max. I sat
Rated
Current (A)
Max. I rms
DR217-4-222
2.2 ± 20%
10
7.96MHz
60
0.011
5.5
4
DR217-4-332
3.3 ± 20%
10
7.96MHz
38
0.013
3.8
3.4
DR217-4-472
4.7 ± 20%
10
7.96MHz
30
0.017
3.7
3
DR217-4-682
6.8 ± 20%
10
7.96MHz
24
0.023
2.8
2.6
DR217-4-103
10 ± 10%
20
2.52MHz
19
0.031
2.5
2.2
DR217-4-153
15 ± 10%
20
2.52MHz
15
0.042
2
1.9
DR217-4-223
22 ± 10%
20
2.52MHz
12
0.07
1.6
1.5
DR217-4-333
33 ± 10%
20
2.52MHz
10
0.092
1.3
1.2
DR217-4-473
47 ± 10%
20
2.52MHz
8.2
0.13
1.1
1
DR217-4-683
68 ± 10%
20
2.52MHz
6.6
0.16
0.91
0.97
DR217-4-104
100 ± 10%
15
796kHz
5.4
0.23
0.75
0.81
DR217-4-154
150 ± 10%
15
796kHz
4.3
0.4
0.61
0.61
DR217-4-224
220 ± 10%
15
796kHz
3.5
0.53
0.5
0.53
DR217-4-334
330 ± 10%
15
796kHz
2.8
0.78
0.41
0.44
DR217-4-474
470 ± 10%
10
796kHz
2.3
1
0.34
0.39
DR217-4-684
680 ± 10%
10
796kHz
1.9
1.5
0.28
0.32
DR217-4-105
1000 ± 10%
20
252kHz
1.5
2.2
0.23
0.26
DR217-4-155
1500 ± 10%
30
252kHz
1.2
3.5
0.18
0.21
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
2.
Unless otherwise specified, tolerance = Inches: ±0.012
= Millimeters: ±0,30
3.
Isat based on the inductance being 90% of its initial value
4.
Irms based on a temperature rise of 20°C
5.
For non-RoHS parts replace DR prefix with 42- (e.g. DR217-4 becomes 42-217-4)
6.
Terminal finish is compliant to RoHS requirements
DR217-4 SERIES RADIAL LEADED INDUCTORS
Features
Designed for EMI Filters & Switching Power Supplies
Inductance Range from 2.2µH to 1500µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 5)
ELECTRICAL SPECIFICATIONS AT 25ºC


Similar Part No. - DR217-4-222

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-4-222 DATATRONICS-DR217-4-222 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-4-222

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com