Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC-LPS Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # FC-LPS
Description  Audio Command Center Voice Evacuation Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-LPS Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  FC-LPS Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-LPS Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GWACC
CS-2504
09/01/06
Page 3 of 4
Application Examples
The GWACC is a voice evacuation control panel which can be used, with a variety of FACPs, to provide emergency audio messages. Two typical
application examples follow.
One Speaker Circuit
Single output zone, single input circuit (see Figure 1). A very basic application consists of one GWACC with one amplifier and a single
speaker circuit. This configuration is suitable for small facilities requiring no more than 25 watts of output power. A single fire evacuation message
will be generated during an alarm condition from the host FACP, or can be manually generated with a message push-button.
In this application example, the NAC from the host FACP is connected to CMD1. The CMD1 “out” terminals are then terminated with an end-of-line
resistor for the FACP’s Style Y NAC, or the terminals are wired back to the host FACP for a Style Z NAC. S3 DIP switches “1”, “2”, and “3” are set
to OFF; this selection sends a 60-second message to the speaker circuit when the CMD1 input is activated. The S5 DIP switch “5” is set to OFF;
this selection activates the CMD1 input by a reverse-polarity condition. CMD3, CMD4, and CMD5 inputs require end-of-line resistors.
In this application example, the system may also be manually activated from the keypad. Press the Building Speakers push-button, then press
the Fire Message push-button. Alternately, use the microphone to make an announcement.
NOTES:
1) *EOLR required only for Style Y
(Class B). 4.75K ohm, 1 watt, P/N
75470.
2) Typical illustration of an addressable
Gamewell control panel and addressable
control modules. Refer to manual for
voltage ranges, message control switch
settings, and command input specifica-
tions.
FIGURE 1:
One 25 Watt Speaker Circuit
Keypad Example


Similar Part No. - FC-LPS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC-LPS GAMEWELL-FCI-FC-LPS Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
More results

Similar Description - FC-LPS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
210Kb / 4P
   Command center voice gateway
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Gamewell-FCI by Honeywe...
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com