Electronic Components Datasheet Search |
|
IF602SS-396XL Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
IF602SS-396XL Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 3 page GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2008 Honeywell International Inc. All rights reserved. www.gamewell-fci.com CS-2490 Rev. A3 page 1 of 3 600 Series IdentiFlex 602 with Velociti® Analog Addressable Control Panel Description The IdentiFlex 602 (IF602SS) with Velociti® is ideally suited for small- to medium-sized installations at commer- cial, institutional, and industrial life-safety projects. The IF602SS has all the features of today’s most advanced life safety systems. The integration of analog and address- able hardwired circuits allows system engineers to custom- ize panels and maximize efficiency for any application. The IF602SS can monitor and control up to 396 intelligent analog addressable input/output points. The interactive operator’s display uses LED prompting for ease of pro- gramming and user operation. The alphanumeric display and keypad simplify field programming, or download pro- gramming from a Windows®-based application. The IF602SS’s housing will fit between 16" studs for semi- flush mounting. Access to system function keys is limited by a key switch. Multiple levels of password protection pro- hibit unauthorized use. The circuit boards are mounted on a removable chassis with pluggable terminal strips for ease of installation and service. Operator’s Display The IF602SS’s operator’s display controls all user access to the system. The display provides all of the necessary keys and annunciation points to maintain and monitor the system. Alarm, supervisory, and trouble conditions are all indicated on the operator’s display by dedicated LEDs and an internal sounder. The Acknowledge, Reset, and Signal Silence keys are located directly below the 4 x 40-charac- ter backlit alphanumeric display. All system functions and operational logic can be programmed from the front panel in the field. The IF602SS display has four user-program- mable function keys. Analog Addressable Signaling Line Circuits The IF602SS analog interface module provides Signaling Line Circuits (SLC), loop circuits that can monitor and con- trol up to 198 analog/addressable devices on each power- limited loop, for a total of 396 analog points in a dual-loop system. Loop wiring is polarity sensitive. SmartLink™ is a trademark and Velociti® Series is a registered trademark of Honeywell International Inc. Microsoft® Windows® is a registered trademark of Microsoft® Corporation. Features • One or two Signaling Line Circuits (SLC), up to 396 points • Velociti protocol 99 detectors, 99 devices per Loop • Velociti self-programming logic • Downloadable or front-panel programmable • Password protected • Approved for Supervisory Service • Fully digital SLC protocol • SmartLink™ peer-to-peer networkable • 1000-event history log • Automatic drift compensation • Coded signaling capability • Adjustable sensor sensitivity and temperature settings • Supervisory service • Style 6 (Class A) or Style 4 (Class B) SLC • Four Style Y (Class B), or two Style Z (Class A) notification appliance circuits (NACs) • Semi-flush mounting (between 16" studs) • 160-character display • Optional UDACT • Built-in strobe and horn synchronization IF602SS An ISO 9000-2000 Company APPROVED FM SIGNALING S521 |
Similar Part No. - IF602SS-396XL |
|
Similar Description - IF602SS-396XL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |