Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH-GB1 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # DH-GB1
Description  Electromagnetic Door Holders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

DH-GB1 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  DH-GB1 Datasheet HTML 1Page - Gamewell-FCI by Honeywell DH-GB1 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DH Series CS-2482 09/01/06
Page 1 of 2
Features
• Very low current draw.
• Superior holding force and low residual
magnetisms.
• Durable die-cast metal.
• High lustre double chrome or brass plating.
• Dual-voltage AC or DC inputs.
• Terminal block connections.
• Single-or double-coil floor, furface, and
direct mounting (no brackets required).
• Aircraft-quality DH drill fixture available to
reduce installation time and costs.
• Extension and misalignment rods.
Listings
Listings and approvals below apply to the
DH Series Electromagnetic Door Holders. In
some cases, certain modules may not be
listed by certain approval agencies, or listing
may be in process. Consult factory for
latest listing status.
• UL Listed:
DH Series
Electromagnetic Door Holders
Description
Gamewell’s DH Series of electro-
magnetic fire door holders are
constructed of durable die-cast
metal finished in high-lustre double
chrome or brass plating.
Other features inclued standard
dual-voltage AC and DC inputs of
24 and 120 volts (standard), as well
as 12 and 24 volts and at 24 and
220 volts models. While reducing
stocking requiements, the 24 and
120 volts model draws only 0.020
mA at 24 VDC, lowering overall job
costs.
Other features include single or
double-coil floor mounting, surface
mounting and direct wall mount-
ing. No brackets are required.
The DH Series door holders offer installation using an adhesive template
assuring alignment without secondary adjustments. Accessories include
extension and misalignment rods (various lengths) for correct alignment
between door and wall at distances greater than 12.0" (30.48 cm) and
misalignment over 4.0" (10.16 cm).
The aircraft-quality DH drill fixture reduces installation time and provides
a near-perfect alignment of catch-plate and armature.
Basic units offer superior holding force and low residual magnetism.
Models working at 12 and 24 volts and at 24 and 120 volts can operate at
higher listed voltages, producing holdng forces in excess of 100 pounds
(45.3 kg) for special applications.
Standard Application
Gamewell’s electromagnetic DH Series door holders are designed to hold
self-closing swinging doors open until energized by a remote sensing device
responding to smoke, heat, or flames, alarm systems, or a switch. When
de-energized, the door holder releases the door, enabling it to swing closed
to check the spread of smoke, heat, or flames. The door holder can also be
used in other remote door-closing applications as well.
The units are recommended for automatic area protection against smoke,
heat, or flames in schools, hospitals, nursing homes, offices, and other
public buildings of all kinds. Gamewell’s DH Series of electromagnetic
door holders are specially engineered for easy connection to dectectors,
sensors, alarm systems, and annunciators.


Similar Part No. - DH-GB1

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
DH-050P HIGHLY-DH-050P Datasheet
338Kb / 1P
   SNAP ACTION SWITCH TECHNOLOGY
DH-051P HIGHLY-DH-051P Datasheet
338Kb / 1P
   SNAP ACTION SWITCH TECHNOLOGY
logo
Tyco Electronics
DH-14B-3 MACOM-DH-14B-3 Datasheet
80Kb / 1P
   DH-14B-3 3PDT, 25 Amps,115/200 VAC, 400 Hz
DH-16CH MACOM-DH-16CH Datasheet
43Kb / 1P
   DH-16CH SPST, Latching,131 Amps, 31 VDC
logo
Hirose Electric
DH-17-CMB HIROSE-DH-17-CMB Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
More results

Similar Description - DH-GB1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
140-90000 GAMEWELL-FCI-140-90000 Datasheet
37Kb / 1P
   RIXSON FIREMARK ELECTROMAGNETIC DOOR RELEASE
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL_17 Datasheet
433Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
WST-1310S-3 SOBERTON-WST-1310S-3 Datasheet
261Kb / 5P
   Electromagnetic Buzzer
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com