Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIDP-SS Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # PIDP-SS
Description  Monitor Modules with SmartScan
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

PIDP-SS Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  PIDP-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell PIDP-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell PIDP-SS Datasheet HTML 3Page - Gamewell-FCI by Honeywell PIDP-SS Datasheet HTML 4Page - Gamewell-FCI by Honeywell PIDP-SS Datasheet HTML 5Page - Gamewell-FCI by Honeywell PIDP-SS Datasheet HTML 6Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIDP-SS, PID-SS, CZI-SS, DPID-SS
CS-2465
09/01/06
Page 1 of 6
PIDP-SS, PID-SS,
CZI-SS, and DPID-SS
Monitor Modules with SmartScan™
Description
Four different monitor modules are
available for Gamewell intelligent con-
trols with SmartScan™ to suit a vari-
ety of applications. Monitor modules
are used to supervise an initiating de-
vice circuit of dry-contact input de-
vices, such as conventional heat de-
tectors and pull stations, or monitor
and power a circuit of two-wire smoke
detectors (CZI-SS).
PIDP-SS — is a standard-sized mod-
ule (typically mounts to a 4" [10.16
cm] square box) that supervises ei-
ther a Style D (Class A) or Style B
(Class B) circuit of dry-contact input
devices.
PID-SS — is a miniature monitor
module (a mere 1.3" (3.302 cm) H x
2.75" (6.985 cm) W x 0.5" (1.270 cm)
D) used to supervise a Style B (Class
B) circuit. Its compact design allows
the PID-SS to often be mounted in a
single-gang box behind the device it’s
monitoring.
CZI-SS — is a standard-sized mod-
ule used to monitor and supervise
compatible two-wire, 24 volt, smoke
detectors on a Style D (Class A) or
Style B (Class B) circuit.
DPID-SS — is a standard-sized dual monitor module used to monitor and supervise
two independent Style B (Class B) initiating device circuits (IDCs) at two separate,
consecutive addresses in intelligent, two-wire systems.
PIDP-SS Monitor Module
The PIDP-SS Monitor Module is intended for use in intelligent, two-wire systems,
where the individual address of each module is selected using the built-in rotary
switches. It provides either a two-wire or four-wire fault-tolerant Initiating Device Cir-
cuit (IDC) for normally-open-contact fire alarm and supervisory devices. The module
has a panel-controlled LED indicator.
PIDP-SS Applications — Use to monitor a zone of four-wire smoke detectors, manual
fire alarm pull stations, waterflow devices, or other normally-open dry-contact alarm
activation devices. May also be used to monitor normally-open supervisory devices
with special supervisory indication at the control panel. Monitored circuit may be
wired as an NFPA Style B (Class B) or Style D (Class A) Initiating Device Circuit. A 47K
ohm End-of-Line Resistor (provided) terminates the Style B circuit. No resistor is re-
quired for supervision of the Style D circuit. Maximum IDC loop length is 2,500 ft./762
m (20 ohms maximum).
PIDP-SS Operation — Each PIDP-SS uses one of 99 available module addresses on
an SLC loop. It responds to regular polls from the control panel and reports its type
and the status (open/normal/short) of its Initiating Device Circuit (IDC). A flashing
LED indicates that the module is in communication with the control panel. The LED
latches steady on alarm (subject to current limitations on the loop).
PIDP-SS
and
CZI-SS
detail of
DPID-SS —
note “ones”
addresses are
0, 2, 4, 6, 8
only
Features
PIDP-SS
• Built-in type identification automati-
cally identifies this device as a
monitor module to the control panel.
• Powered directly by two-wire SLC
loop. No additional power required.
• High noise (EMF/RFI) immunity.
• SEMS screws with clamping plates
for ease of wiring.
• Direct-dial entry of address: 01 –99
• LED flashes green during normal
operation (this is a programmable
option) and latches on steady red
to indicate alarm.
• Built-in type identification automati-
cally identifies this device as a
monitor module to the panel.
PID-SS
• Powered directly by two-wire FACP.
No additional power required.
• High noise (EMF/RFI) immunity.
• Tinned, stripped leads for ease of
wiring.
• Direct-dial entry of address: 01 – 99
CZI-SS
• Supports compatible two-wire
smoke detectors.
• Supervises IDC wiring and connec-
tion of external power source.
• High noise (EMF/RFI) immunity.
• SEMS screws with clamping plates
for ease of wiring.
• Direct-dial entry of address: 01 – 99
• LED flashes during normal opera-
tion (this is a programmable
option).
• LED latches steady to indicate
alarm on command from control
panel.
Listings
Listings and approvals below apply to
the basic PIDP-SS, PID-SS, CZI-SS
and DPID-SS monitor modules. In
some cases, certain modules may not
be listed by certain approval agencies,
or listing may be in process. Consult
factory for latest status.
• UL Listed: file S521.
• CSFM approved:
file 7300-1288:170.
g2465mod.tif
g2465duo.tif


Similar Part No. - PIDP-SS

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PID-250 MEANWELL-PID-250 Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250A MEANWELL-PID-250A Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250A MEANWELL-PID-250A Datasheet
1Mb / 4P
   250W Isolated Dual Output with PFC Function
PID-250B MEANWELL-PID-250B Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250B MEANWELL-PID-250B Datasheet
1Mb / 4P
   250W Isolated Dual Output with PFC Function
More results

Similar Description - PIDP-SS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
   Addressable Manual Pull Station with SmartScan
SS-F GAMEWELL-FCI-SS-F Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604 Datasheet
206Kb / 16P
   Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
MAX6604 MAXIM-MAX6604_V01 Datasheet
178Kb / 15P
   Precision Temperature Monitor for DDR Memory Modules
2011
logo
International Rectifier
IR3721 IRF-IR3721_09 Datasheet
340Kb / 16P
   Power Monitor IC with
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com