Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4XLMF Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part No. 4XLMF
Description  Four-Zone Fire Alarm Control Panel
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Homepage  http://www.gamewell-fci.com
Logo 

   
 2 page
background image
Flex 404 Four-Zone FACP
CS-2404
09/01/06
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation. For
more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications
AC power, TB8
120 VAC, 50/60 Hz, 2.3 A.
Wire size: minimum 14 AWG (2.0 mm²) with
600 V insulation.
Battery (sealed lead-acid only), J8
Maximum charging circuit: normal flat charge
27.6 VDC @ 0.8 A.
Maximum battery charger capacity:
18 AH battery. Two 7 AH batteries can be
housed in the FACPcabinet.Larger batteries
require a separate battery box i.e. BB-17F.
Initiating device circuits, TB3
Alarm zones 1 – 4. Power-limited circuitry.
Operation: all zones Style B (Class B).
Normal operating voltage: nominal 22 VDC.
Alarm current: 15 mA minimum.
Standby current: 4 mA.
Short circuit current: 40 mA maximum.
Maximum loop resistance: 100 ohms. End-
of-line resistor: 4.7K ohm, 1/2 watt (P/N
71252).
Notification appliance circuits, TB2
Two NACs on Flex 404. Power-limited
circuitry.
Normal operating voltage: nominal 24 VDC.
Maximum signaling current: 2.5 A total with
standard transformer; 5.0 Atotal (2.5
maximum per NAC) with optional trans-
former.
End-of-line resistor: 4.7K ohm, 1/2 watt
(P/N 71252).
Form-C relays
Trouble relay TB5 (fail-safe). Alarm relayTB6.
Contact ratings: 2.0 A @ 30 VAC (resistive).
Auxiliary outputs
Resettable power, TB1
Power-limiting circuitry.
Operating voltage: nominal 24 VDC.
Maximum available current: 500 mA,
appropriate for powering four-wire smoke
detectors. See note under nonresettable.
Nonresettable power, TB1
Power-limiting circuitry.
Operating voltage: nominal 24 VDC.
Maximum available current: 500 mA,
appropriateforpoweringfour-wiresmoke
detectors.Note:Totalcurrentfornonre-settable
power, resettable power and two NACs must
not exceed 6A for the Flex 404.
Cabinet dimensions
Door: 15.342" (38.97 cm) high x 14.677"
(37.28 cm) wide x 0.375" (0.95 cm) deep.
Backbox: 15.0" (38.10 cm) high x 14.5"
(36.83 cm) wide x 3.0" (7.62 cm) deep.
Backbox Mounting
The cabinet can be surface-mounted. The door is removable during installation
by opening and lifting it off the hinges. The cabinet mounts using two key slots at
the top of the backbox and two additional 0.250" diameter holes at the bottom.
Ordering Information
F404
Four-zone conventional FACP.
XRM-24
120 VAC, 100 VA transformer, expands NAC power from 3.0
to 5.0 Amps.
CAC-4
Class A converter module. Used to convert Style B (Class
B) IDC to Style D (Class A) and Style Y (Class B) NAC to
Style Z (Class A). The module connects to J1 on the Flex
404 circuit board.
4XTMF
Transmitter module.
4XLMF
LED interface module, supports SAN-404.
4XZMF
Zone relay module.
411UD
Four-input (channel) 411UD dual-line Digital Alarm Commu-
nicator/Transmitters, which can be used as slave communi-
cators with Flex 404.
PRO-411
Programmer used with 411UD.
SAN-404
Remote annunciator (RZA-4XF), mounts in a single-gang
box.
BB-17F
Battery box, required to house two batteries greater than 7
AH, to a maximum of 18 AH.
DP-FLEX
Dress panel.
TR-1-R
Trim ring for semi-flush mounting.
52194
Flex 404 Installation and Maintenance Manual.
i³™ is a trademark and Gamewell® is a registered trademark of Honeywell International Inc.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FC-73Fire Alarm Control Panel 1 2 3 4 Gamewell-FCI by Honeywell
F402Two-Zone Fire Alarm Control Panel 1 2 Gamewell-FCI by Honeywell
FLEX405Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability 1 2 3 4 List of Unclassifed Manufacturers
LCD-7100Compact Analog Addressable Fire Alarm Control Panel 1 2 3 Gamewell-FCI by Honeywell
GWF4022 and 4 Zone Conventional Fire Alarm Control Panels 1 2 Honeywell Solid State Electronics Center
FLEX4Conventional Fire Alarm Control Panels 1 2 3 4 Gamewell-FCI by Honeywell
FC-4224FOUR-ZONE PANEL 1 2 Gamewell-FCI by Honeywell

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl