Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP95-B4 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # XP95-B4
Description  Multi-Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

XP95-B4 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  XP95-B4 Datasheet HTML 1Page - Gamewell-FCI by Honeywell XP95-B4 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2052 Rev. a1 page 2 of 2
www.gamewell-fci.com
Operation (Continued)
The XP95-M monitors temperature by using a single ther-
mistor network which provides a voltage output propor-
tional to the external air temperature. The thermistor is
calibrated to return a normal air temperature analog value
at 25º C. Information from each sensing element is pro-
cessed and conditioned by an on-board advanced technol-
ogy ASIC and is digitally transmitted to the FACP as a
single analog value comprised of the combined responses
from both the optical and thermal detection elements. The
XP95-M is an intelligent device. Alarm and trouble condi-
tions are determined by the microprocessor in the head,
which also automatically performs drift compensation.
If the sensor reports a condition that matches its pro-
grammed trouble signature, the FACP will report that the
sensor is in trouble and will follow its programmed
response sequence. Likewise, if the status reported
matches the alarm signature, the Gamewell-FCI FACP will
follow the programmed alarm response for the specific
device in alarm. When a sensor is in alarm, the integral
LED in the sensor’s housing will light steady.
The XP95 Multi-Sensor is designed to be connected to a
two-wire SLC circuit carrying both data and a 17V to 28V
DC supply voltage, and it is insensitive to loop connection
polarity. A remote LED indicator may be connected. The
XP95-M is considered the optimum sensor for most gen-
eral applications since it responds to both smoldering and
flaming fires.
Engineer’s Specifications
The contractor shall furnish and install, where indicated on
the plans, a combination photo/heat multi-sensor detector
(Gamewell-FCI model XP95-M) with one of the several
Addressable Mounting Base Options available. The combi-
nation sensor head and twist lock mounting base shall be
UL Listed and UL Listed as compatible with the Gamewell-
FCI fire alarm control panels. The base shall permit free
interchange of sensor heads without requiring any addi-
tional wiring or additional programming of the head or
base. The smoke sensor shall contain an integral LED that
shall latch in when the unit goes into alarm.
Specifications
Quiescent Current
500 mA average
Alarm LED Current
.004A
Remote Alarm
Output:
.004A @ 5 VDC
Temperature Range: -5°F - 140°F
Relative Humidity
(Non-Condensing): 0% to 95%
Ordering Information
Model
Description
XP95-M
Multi-Sensor (Analog Addressable
(55000-886)
XP95-B6EZ
6” (15.24 cm) Ultra Low Profile EZ-Fit Mount-
ing Base with X-Pert Card (45681-250)
XP95-B4
4" (10.16 cm) Mounting Base with X-Pert
Addressing Card (45681-210)
XP95-B6R4
6" (15.24 cm) Relay Base (4 Wire) with
X-Pert Addressing Card
XP95-B6SNDR 6" (15.24 cm) Mounting Base with X-Pert
Addressing Card and Audible Alarm
Sounder
71112
Additional Blank X-Pert Addressing Cards
30203
Remote LED (24V)


Similar Part No. - XP95-B4

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
More results

Similar Description - XP95-B4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX5-D700A ETC2-NX5-D700A Datasheet
785Kb / 10P
   Compact Multi-voltage Photoelectric Sensor
logo
ams AG
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
   14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Gamewell-FCI by Honeywe...
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
logo
Zhengzhou Winsen Electr...
ZPHS01B WINSEN-ZPHS01B Datasheet
440Kb / 7P
   Multi-in-One Sensor Module
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
   11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
logo
TT Electronics.
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
   LH3 Torque & Multi-Turn Position Sensor
SX-4472 TTELEC-SX-4472 Datasheet
764Kb / 4P
   LH3 Torque & Multi-turn Position Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
   Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com