Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS-8 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # APS-8
Description  IdentiFlex 650 base analog/addressable system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

APS-8 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  APS-8 Datasheet HTML 1Page - Gamewell-FCI by Honeywell APS-8 Datasheet HTML 2Page - Gamewell-FCI by Honeywell APS-8 Datasheet HTML 3Page - Gamewell-FCI by Honeywell APS-8 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2005 Rev. A page 4 of 4
www.gamewell-fci.com
Specifications
Common Control
Standby Current:
0.275A.
Alarm Current:
0.407A plus signaling circuit power,
plus 0.002A for master box, or plus
0.022A for reverse-polarity
Input Power:
120 VAC, 2.0A
Auxiliary Output:
S+/S–, A+/A–:
24 VDC, 2.0A combined maximum
Common Relays:
10A @ 30 VDC or 250 VAC
Signaling Circuits:
24 VDC nominal @ 2.0A per circuit
Panel Dimensions:
Four-bay cabinet:
37.14" H x 24.0" W x 6.0" D
(94.3 H x 61 W x 15.2 D cm)
Eight-bay cabinet:
52.5" H x 24.0" W x 6.0" D
(133.4 H x 61 W x 15.2 D cm)
Battery Capacity:
50 AH.
Battery Storage
Dimensions:
8.0" H x 14.25" W x 6.0" D
(20.3 H x 36.2 W x 15.2 D cm)
Relative Humidity:
93% non-condensing
Temperature Rating: 32° – 120°F (0° – 49°C)
Ordering Information
Model
Description
IF654
IdentiFlex 650 base analog/addressable
system consisting of the following:
IF650 common control that includes:
- Main CPU
- IF650 front display with LCD
alphanumeric display
- Bus Driver Module
- Common system relays
Two NAC circuits and ribbon cables
MPS-8 main power supply
Four-bay cabinet assembly
Supports up to 2016 points
IF658
IdentiFlex 650 base analog/addressable
system consisting of the following:
IF650 common control that includes:
- Main CPU
- IF650 front display with LCD
alphanumeric display
- Bus Driver Module
- Common system relays
Two NAC circuits and ribbon cables
MPS-8 main power supply
Eight-bay cabinet assembly
Supports up to 2016 points
SYS-EXP8
MPU bus expander module, complete
with cables. Allows expansion for
additional 600 Series Modules installed
into a second eight-bay cabinet.
CAB600-BD8
Eight-bay cabinet with blank deadfront
(no display windows). For housing auxil-
iary power supplies (APS-8) with lock.
Dimensions: 52.5" H x 24.0" W x 6.0" D
(133.4 H x 61 W x 15.2 D cm)
CAB600-8
Eight-bay expansion cabinet assembly,
with space for eight (8) MPU bus mod-
ules. Includes backbox, deadfront cover,
inner door assemblies, lock and key.
Dimensions: 52.5" H x 24.0" W x 6.0" D
(133.4 H x 61 W x 15.2 D cm)
CAB600-4
Four-bay expansion cabinet assembly,
with space for four (4) MPU bus mod-
ules. Includes backbox, deadfront cover,
inner door assemblies, lock and key.
Dimensions: 37.14" H x 24.0" W x 6.0" D
(94.3 H x 61 W x 15.2 D cm)
APS-8
Eight-amp auxiliary power supply. Fits in
one module expansion slot, includes one
blank dress panel.
72122
IdentiFlex 650 Installation/Operating
Manual.


Similar Part No. - APS-8

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
APS-8 GAMEWELL-FCI-APS-8 Datasheet
114Kb / 2P
   Main power supply, complete with lead acid battery chrger module
APS-8 GAMEWELL-FCI-APS-8 Datasheet
106Kb / 2P
   Universal Signal Module
More results

Similar Description - APS-8

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
IF610-126 GAMEWELL-FCI-IF610-126 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
   Analog addressable manual pull station
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com