Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF610-252 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # IF610-252
Description  IdentiFiex 610 base analong/addressable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IF610-252 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  IF610-252 Datasheet HTML 1Page - Gamewell-FCI by Honeywell IF610-252 Datasheet HTML 2Page - Gamewell-FCI by Honeywell IF610-252 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2001 Rev. A page 1 of 3
600 Series
IdentiFlex 610
Analog Addressable Control Panel
APPRO VED
FM
ME A
Approved
SIGN AL IN G
S521
132-95-E 7165-1288:144
7170-1288:146
Approved
High Rise
City of
Chicago
A n IS O 9000-2000 C om pany
Description
The IdentiFlex 610 (IF610) is suited for small- to medium-
sized installations of commercial, institutional, and indus-
trial life-safety applications. The IF610 offers all the fea-
tures of today’s most advanced life safety systems. The
integration of analog and addressable hardwired circuits
allows system engineers to customize panels and maxi-
mize efficiency for a given application. The IF610 can be
networked with up to 256 other 600 Series panels using
Gamewell-FCI’s SmartLink™ peer-to-peer network.
The IF610 can monitor and control up to 504 analog
addressable input/output points. Analog circuits are backed
up by Gamewell-FCI’s Default Alarm Mode for added secu-
rity. The 1,000-event history log furnishes a complete
record of system activities. The interactive operator’s dis-
play uses LED prompting for ease of programming and
user operation. The alphanumeric display and keypad sim-
plify field programming, or program from a PC using
Gamewell-FCI’s Smart Program II programmer.
The IF610’s cabinet will fit between studs for semi-flush
mounting. The compact design and key-activated dead-
front construction enables secure routine maintenance of
the system. Access to system function keys is limited by a
key switch. Multiple levels of password protection prevent
unauthorized use. The circuit boards are mounted on a
removable chassis, and are designed with pluggable termi-
nal strips for ease of installation and service.
Operator’s Display
The IF610’s operator’s display provides all user access to
the system. The display has all the necessary keys and
annunciation points to maintain and monitor the system.
Alarm, supervisory, and trouble conditions are indicated on
the operator’s display by dedicated LEDs and an internal
sounder. The Acknowledge, Reset, and Signal Silence
keys are located directly below the 4-line by 40-character
backlit alphanumeric display. All system functions and
operational logic can be programmed directly from the front
panel.
Features
One to four Signaling Line Circuits (SLC), up to 504
points.
Polarity-insensitive SLC circuit wiring (XP95 protocol).
SmartStart™ self-programming logic.
Programmable by PC or front panel.
Password protected.
Approved for Suppressant Releasing and Supervisory
Service.
Fully digital SLC protocol.
SmartLink™ networkable.
1000-event history log.
Automatic drift compensation.
Coded signaling capability.
Adjustable sensor sensitivity and temperature settings.
Day/night sensitivity setting.
Supervisory service.
Style 6 (Class A) or Style 4 (Class B) SLC.
Two Style Y (Class B), or two Style Z (Class A)
notification appliance circuits (NACs).
Semi-flush mounting (between 16" studs).
160-character display.
Optional integrated voice evacuation.
Optional UDACT.
Agent Releasing service.
IF610
SmartStart™ and SmartLink™ are trademarks of Honeywell International Inc.


Similar Part No. - IF610-252

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF610SS-792 GAMEWELL-FCI-IF610SS-792 Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF610SS-792XL GAMEWELL-FCI-IF610SS-792XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
More results

Similar Description - IF610-252

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
IF654 GAMEWELL-FCI-IF654 Datasheet
85Kb / 4P
   IdentiFlex 650 base analog/addressable system
logo
CTS Corporation
VCO3037A CTS-VCO3037A Datasheet
169Kb / 3P
   610-710MHz VCO
logo
Weidmuller
2540850000 WEIDMULLER-2540850000 Datasheet
828Kb / 5P
   ENERGY METER 610-230
2540920000 WEIDMULLER-2540920000 Datasheet
828Kb / 5P
   ENERGY METER 610-24
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Weidmuller
2540870000 WEIDMULLER-2540870000 Datasheet
543Kb / 5P
   ENERGY METER 610-PB-230
logo
Gamewell-FCI by Honeywe...
AM500 GAMEWELL-FCI-AM500 Datasheet
328Kb / 2P
   Addressable Module
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
List of Unclassifed Man...
MI-D2550GT ETC2-MI-D2550GT Datasheet
129Kb / 1P
   nVIDIA짰 GeForce GT 610
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com