Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPWK Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SPWK
Description  Wall mount outdoor speaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SPWK Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SPWK Datasheet HTML 1Page - Gamewell-FCI by Honeywell SPWK Datasheet HTML 2Page - Gamewell-FCI by Honeywell SPWK Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60345 Rev. A page 2 of 3
www.gamewell-fci.com
Architectural/Engineering Specifications
General
SpectrAlert Advance outdoor speaker and speaker strobes
shall mount to a weatherproof back box. A universal
mounting plate shall be used for mounting ceiling and wall
products. The notification appliance circuit and amplifier
wiring shall terminate at the universal mounting plate. Out-
door SpectrAlert Advance products shall operate between
–40°F and 151°F from a regulated DC, or full-wave recti-
fied, unfiltered power supply.
Speaker
The Speaker shall be a System Sensor SpectrAlert
Advance Model ______ dual voltage transformer speaker
capable of operating at 25.0 or 70.7 nominal Vrms.
Speaker shall be Listed to UL® Standard S4048 for out-
door fire protective signaling systems. Speaker shall have
a frequency range of 400 to 4000 Hz and shall have an
operating temperature from –40°F to 150.8°F. Speaker
shall have power taps and wattage settings which are
selected by rotary switches. The speaker must be installed
with its weatherproof backbox in order to remain outdoor
approved per UL listing S4048. The speaker shall be suit-
able for use in air handling spaces, as well as wet environ-
ments.
Speaker Strobe Combination
The Speaker Strobe shall be a System Sensor Model
_____listed to UL 1638 and UL 1480 and be approved for
fire protective signaling systems. Speaker shall be capable
of operating at 25.0 or 70.7 nominal Vrms, and shall have
a frequency range of 400 to 4000 Hz. Speaker shall have
power taps that are selected by rotary switch. The strobe
shall consist of a xenon flash tube with associated lens/
reflector system and operate on either 12V or 24V. The
strobe shall also feature selectable candela output, provid-
ing options for 15 or 15/75 candela when operating on 12V
and 15, 15/75, 30, 75, 110, 115, 135, 150, 177 or 185
when operating on 24V. The strobe shall comply with the
Americans with Disabilities Act requirement for visible sig-
naling appliances, flashing at 1 Hz over the strobe’s entire
operating voltage range. The speaker strobe must be
installed with its weatherproof back box in order to remain
outdoor approved per UL. The speaker strobe shall be
suitable for use in wet environments.
Sound Output
UL Reverberant (dBA@10 ft) 2 W 1 W 1/2 W 1/4 W
Outdoor Speaker
90
87
84
81
Outdoor Speaker/Speaker
Strobe
89
86
83
80
UL Maximum Strobe Current Draw (mA RMS)
Candela 8 to 17.5 Volts 16 to 33 Volts
DC
FWR
DC
FWR
Standard
Candela
Range
15
123
128
66
71
15/75
142
148
77
81
30
NA
NA
94
96
75
NA
NA
158
153
vmvm95
NA
NA
181
176
110
NA
NA
202
195
115
NA
NA
210
205
High
Candela
Range
135
NA
NA
228
207
150
NA
NA
246
220
177
NA
NA
281
251
185
NA
NA
286
258
Candela Derating
NOTE: For K series products used at low temperatures,
listed candela ratings must be reduced in accordance with
this table.
Strobe Output (cd)
Listed Candela
Candela Rating at -40 F
15
Do not use below 32 F
15/75
30
75
44
95
70
110
110
115
115
135
135
150
150
177
177
185
185


Similar Part No. - SPWK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
   Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
More results

Similar Description - SPWK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
   Selectable Output Outdoor Wall Speaker/Strobes
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
   Wall Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
   Wall Speaker/Strobes
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
   Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
logo
Systemsensor advanced i...
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com