Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS-24MCWH-FR Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # RSS-24MCWH-FR
Description  Single & Multi-Candela
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

RSS-24MCWH-FR Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  RSS-24MCWH-FR Datasheet HTML 1Page - Gamewell-FCI by Honeywell RSS-24MCWH-FR Datasheet HTML 2Page - Gamewell-FCI by Honeywell RSS-24MCWH-FR Datasheet HTML 3Page - Gamewell-FCI by Honeywell RSS-24MCWH-FR Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0575 Rev. B page 2 of 4
General Notes
• Strobes are designed to flash at one flash per second minimum over Regulated Voltage Range. Note that NFPA-72
(1999) specifies a flash rate of one to two flashes per second and ADA guidelines specify a flash rate of one to three
flashes per second.
• All candela ratings represent minimum effective strobe intensity based on UL Standard 1971.
• Series RSS & RSSP Strobe products are listed under UL Standard 1971 for indoor use with a temperature range of
32°F to 120°F (0°C to 49°C) and maximum humidity of 93% (± 2%).
• “Regulated Voltage Range” is the newest terminology used by UL to identify the voltage range. Prior to this, UL used the
term “Listed Voltage Range”.
Table 1: Average RMS Current*
RSS/
RSSP
24VDC
Models
RSS/RSSP - Wall Mount
RSS - Ceiling Mount
2415-
75W
24MCW
24MCWH
24MCC
24MCCH
1575
cd
15 cd
30 cd
75 cd
110
cd
135
cd
185
cd
15 cd
30 cd
75 cd
95 cd
115
cd
177
cd
16
VDC
0.101
0.062
0.102
0.192
0.265
0.300
0.420
0.068
0.112
0.211
0.292
0.300
0.420
24
VDC
0.064
0.041
0.062
0.116
0.155
0.195
0.270
0.045
0.072
0.128
0.171
0.195
0.270
33
VDC
0.047
0.032
0.047
0.081
0.107
0.145
0.190
0.035
0.052
0.089
0.118
0.145
0.190
RSS/
RSSP
24
VDC
Models
RSS/
RSSP
Wall
Mount
12157-
5W
8 VDC
0.336
12
VDC
0.179
17.5
VDC
0.136
Table 2: Audible/Speakers for
RSSP Strobe Plate
Product
Series
Multitone Appliances
AMT, MT
Horns
AH, NH, HS
Motor Bells
MB-G6/G10
Speakers
ET-1010/1080, E70,
ET70
Chimes
CH70
SYNC Modules
Model
Number
Order
Code
Input
Voltage
(VDC)
Average
Mean
Current
@ 24
VDC
Mounting
Options
SM-12/24-R
6369
24
0.028
W
DSM-12/24-R
6374
24
0.035
W
* Average RMS Current is per UL average RMS method and Average Mean Current is per UL av-
erage mean method. 12 volt models use Average Mean Current.
For rated inrush and peak current across the UL Listed voltage range for both filtered DC and un-
filtered Vrms (FWR), see installation instructions.
SM Sync Module is rated for 3.0 amperes @ 24 VDC DSM
Sync Module is rated for 3.0 amperes per circuit.
The maximum number of interconnected DSM modules is 20.


Similar Part No. - RSS-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCWH-FR FCI-CONNECTOR-RSS-24MCWH-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
More results

Similar Description - RSS-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
Texas Instruments
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
logo
Hubbell Incorporated.
BIBS35014FX HUBBELL-BIBS35014FX Datasheet
262Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS46FX HUBBELL-BIBS46FX Datasheet
261Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS205FX HUBBELL-BIBS205FX Datasheet
261Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS2506FX HUBBELL-BIBS2506FX Datasheet
263Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS3506FX HUBBELL-BIBS3506FX Datasheet
263Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS3508 HUBBELL-BIBS3508 Datasheet
262Kb / 2P
   MULTI-PORT Single-Sided Entry.
BIBS6004FX HUBBELL-BIBS6004FX Datasheet
263Kb / 2P
   MULTI-PORT Single-Sided Entry.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com