Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INI-VGC Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # INI-VGC
Description  Command center voice gateway
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

INI-VGC Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  INI-VGC Datasheet HTML 1Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 2Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 3Page - Gamewell-FCI by Honeywell INI-VGC Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications
Description
INI-VGC
Operating Voltage: 24 VDC (nominal)
Operating Current: 0.150 amp. supervisory and
alarm
Operating
Temperature:
32˚ to 120˚ F (0˚ to 49˚ C)
Relative Humidity:
0 to 93% (non-condensing)
Protocol
Asynchronous with half-duplex
data flow
Speed
RS-232 up to 64 KBps
RS-485 up to 128 KBps
St connectors
Up to 200 microns (multimode),
optimized for 62.5/125 microns
ASM-16
Operating Voltage: 24 VDC (nominal)
Operating Current: 0.005 amp supervisory
0.005 amp alarm plus 0.003
amp per LED activated (0.195
amp max.)
Operating
Temperature:
32˚ to 120˚ F (0 to 49˚ C)
Relative Humidity:
0 to 93% (non-condensing)
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0542 Rev. G page 4 of 4
Ordering Information
Intelligent Network Command Center
INI-VGC
Command center voice gateway
ASM-16
Programmable switch module
(occupies one single slot of inner
door)
INCC-IDT
Inner door with one double slot for
INCC=TEL fire fighter handset and
4 single slots
INCC-ID
Inner door with six (6), single slots
INCC-CAB
INCC backbox (black) with black
outer door.
19” W x 19” H x 4” D
(48 x 48 x 10 cm)
INCC-CABR
INCC backbox (black) with red
outer door
19” W x 19” H x 4” D
(48 x 48 x 10 cm)
Optional Accessories
INCC-TEL
Fire fighter telephone handset
(requires INCC-IDT Inner Door)
INCC-MIC
Paging microphone module
(occupies one single slot of Inner
Door)
INCC-BP
Command center blank face plate
(occupies one single slot of inner
door)


Similar Part No. - INI-VGC

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
92Kb / 4P
   Intelligent Network Command Center
INI-VGC-UTP GAMEWELL-FCI-INI-VGC-UTP Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
More results

Similar Description - INI-VGC

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
INI-VGX GAMEWELL-FCI-INI-VGX Datasheet
239Kb / 4P
   Transponder Voice Gateway
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
General Cable Technolog...
C1701 GENERAL-C1701 Datasheet
60Kb / 1P
   COMMAND SERIES
C1800 GENERAL-C1800 Datasheet
60Kb / 1P
   COMMAND SERIES
C1703 GENERAL-C1703 Datasheet
59Kb / 1P
   COMMAND SERIES
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
   Command Expert
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com