Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC-2190 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # FC-2190
Description  Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2190 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  FC-2190 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Connection to 120 VAC
3 amps. @ 60 Hz
3 Programmable Form C Relay Outputs
2.5 amps. @ 24 VDC/ 24 VAC (inductive)
5 amps. @ 24 VDC (resistive)
Non power-limited
Mounting Location for ZDM-FC73 or FC-5280
(ZDM-FC73 can mount remotely in FC-2190 Accessory Cabinet)
Integral DACT Connections
10 Style B or 5 Style D
Initiating Device Circuits
Max. Voltage- 25.5 VDC
Max. Circuit Resistance- 50 Ohms
Total Alarm Current for all Circuits- 1.0 amp.
Supervisory Current per Zone- 0.003 amp.
Alarm Current per Zone- 0.095 amp.
Power-Limited & Supervised with 3.9KW EOL
(not required for Style D circuits)
SBUS & Auxliary Power
1.0 amp. max. @ 24 VDC
4 Style Y or 2 Style Z
NotificationApplianceCircuits
Power-limited & Supervised
with 3.9KW EOL resistor(Style Y only)
3.0 amps. max. out of any one circuit
Reverse Polarity Output
Municipal Circuit Output
FC-73
www.firecontrolinstruments.com
9020-0523 Rev. B / Page 3 of 4
FIRE CONTROL INSTRUMENTS
16 Southwest Park, Westwood MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com
Specifications are provided for information only, and are not intended to be used for installation purposes and are believed to be accurate.
However, no responsibility is assumed by Fire Control Instruments, Inc. for their use. Specifications subject to change without notice.
© 2001 All Rights Reserved
RING
TIP
61
60
T1
RING
TIP
RING
TIP
RING
TIP
59
58
P1
57
56
55
54
T2
P2
FIRE CONTROL
INSTRUMENTS
®
FIRE ALARM CONTROL
MODEL FC-73
ALARM
SUPERVISORY
TROUBLE
SILENCED
POWER
ACK
SILENCE
RESET
DRILL
TEST
NAC 1
NAC 2
NAC 3
NAC 4
MASTER
BOX
ZONE1
ZONE2
ZONE3
ZONE4
ZONE5
ZONE6
ZONE7
ZONE8
ZONE9
ZONE10
ZONE11
ZONE12
ZONE14
ZONE16
ZONE17
ZONE18
ZONE19
ZONE20
ZONE
DISCONNECT
SWITCH
(TYPICAL)
NAC
DISCONNECT
SWITCH
(TYPICAL)
ZONEINDICATING LEDs
RED/YELLOW= ALARM/SUPERVISORYOFF-NORMAL
YELLOW= ZONETROUBLE
(TYPICAL)
NAC INDICATING LEDs
GREEN= CIRCUITACTIVE
YELLOW= CIRCUITTROUBLE
TYPICAL


Similar Part No. - FC-2190

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FC-210 PREMO-FC-210 Datasheet
138Kb / 1P
   Screened Room Filters
logo
Gamewell-FCI by Honeywe...
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
416Kb / 2P
   SIX ZONE PANEL
logo
Bel Fuse Inc.
FC-211 BEL-FC-211 Datasheet
47Kb / 1P
   Fuse Clips
More results

Similar Description - FC-2190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
BAZ04-N-UT DH-BAZ04-N-UT Datasheet
401Kb / 2P
   Fire door control panel
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com