Electronic Components Datasheet Search |
|
5230 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
5230 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 2 page DESCRIPTION The FC-4224 Fire Alarm Control panel is a proven, versa- tile, four-zone control with space to accommodate an op- tional digital communicator. It meets the requirements of NFPA Standard 72 for Central Station, Protected Premises, and Remote (DACT) Supervising Station Fire Alarm Sys- tems. It is Listed to UL Standard 864, inherently power lim- ited and meets all UL transient immunity requirements. The many features of the FC-4224 control provide a cost-effective approach to systems design, and allow a great degree of flexibility in one enclosure. These features include a choice of four (4) Class B, Style B or two (2) Class A, Style D initiating circuits together with a choice of two (2) Class B, Style Y or one (1) Class A, Style Z notification appliance cir- cuit, rated at 1.25 amps each. Notification appliance circuits can be configured as silenceable or non-silenceable. DIP switch programming is used throughout, eliminating the need for computers and associated software. A time delay of 30, 60 or 90 seconds is available for waterflow switches. The control is housed in a red steel enclosure with a win- dow offering a view of LEDs displaying the status of vital functions and allowing access to switches controlling system operation. The surface mounted enclosure, with its slim ap- pearance (3 3/8-inch depth) is designed to blend with any en- vironment. Space is available for two (2) B-7R batteries. Supervision of vital components, plug-in modules, func- tional switches and standby batteries is provided. The optional digital communicator includes a wide range of selectable transmission formats to communicate to most central stations. Other features of the communicator are: A line-active indicator for each of two phone lines, “Kiss-Off” signal LED, dual “low telephone voltage detect” circuitry and programmable event codes per format. The FC-4224 control is programmable for AC power loss delay required for DACT operation. An optional serial annunciator driver allows remote alarm annunciation to as many as four (4) Model FC-2866 remote annunciators. Other optional modules include the FC-2880 I/O module which provides 34 pre-defined open collector outputs that can be used to drive LEDs or relays. AGENCY APPROVALS UL S1869 CSFM Approved FC-4224 FOUR-ZONE PANEL CONVENTIONAL FIRE ALARM CONTROL 16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099 Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed by Fire Control In- struments, Inc. for their use. Specifications subject to change without notice. © 2000 All Rights Reserved 9020-0484/Ver. 1.5 FEATURES · Inherently Power Limited · DIP Switch Programming · Choice of Output Patterns Including ANSI S3.41 · Programmable Time Delay for Waterflow Switches · Periodic Trouble Reminder · Walk Test Feature · Optional Digital Communicator with Multiple Reporting Formats · Serial Annunciator Output (Optional) · Surface Mount Technology An ISO 9001 Certified Company |
Similar Part No. - 5230 |
|
Similar Description - 5230 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |