Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC-2866 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # FC-2866
Description  FOUR-ZONE PANEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2866 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-2866 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2866 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPERATING CHARACTERISTICS AND DIMENSIONS
Supervisory current
.065 amp.
Alarm current
.250 amp
Operating temperature
32 - 120
o F (0 - 49o C)
Relative humidity
85% (non-condensing)
Dimensions
15 1/8” H x 12 13/16” W x 3 3/8” D
(38.4 cm x 33 cm x 8.5 cm)
ORDERING INFORMATION
Part Number
Model
Description
150-00002
FC-4224
Four-zone Control, 120 VAC
151-00001
FC-2884
Serial Driver Module
151-00003
FC-2880
Å
Annunciator Driver Module
151-00004
FC-2866
Å
Remote Zone Annunciator w/reset and silence switches
151-00005
FC-2104
Digital Alarm Communicator Transmitter
151-00019
2190
Cabinet for FC-2104 DACT (optional)
151-00017
5230
Programmer for FC-2104 DACT
151-00018
7860
Cable w/spade lugs for connection
to Telco RJ31X plug. (Optional)
151-00020
Quick connect cable to connect
5230 Programmer to FC-2104 DACT
151-00008
FC-4224PC
Replacement printed circuit board
7628
UL Listed EOL resistor
151-00011
120 VAC Transformer (replacement)
151-00012
230 VAC, 50 Hz Transformer (optional)
Å Requires one (1) FC-2884
FC-2104 DACT reporting formats are:
SIA 8 or 20
3/1 1,400 or 2,300 Hz
Contact ID
SK- 4/2
BFSK 1,400 or 2,300 Hz
9020-0484
2 of 2
FC-2880 Annunciator Driver
Module
FC-2884 Serial Driver Module
FC-2866 Remote Zone
Annunciator
FC-2104 Digital Alarm
Communicator Transmitter


Similar Part No. - FC-2866

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC-2866 GAMEWELL-FCI-FC-2866 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
FC-2866 GAMEWELL-FCI-FC-2866 Datasheet
416Kb / 2P
   SIX ZONE PANEL
FC-2866 GAMEWELL-FCI-FC-2866 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
More results

Similar Description - FC-2866

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
FC-6324 GAMEWELL-FCI-FC-6324 Datasheet
416Kb / 2P
   SIX ZONE PANEL
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
logo
List of Unclassifed Man...
BH011 ETC-BH011 Datasheet
548Kb / 11P
   FOUR ZONE HOOK UP, USING EB- ZS-4
logo
Gamewell-FCI by Honeywe...
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
   Two and Four Zone Conventional Fire Alarm Control Panels
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
   Zone 2 19-inch panel computers with multiple connectivity options
logo
Hitachi Semiconductor
HLP1400 HITACHI-HLP1400 Datasheet
3Mb / 3P
   Bulk active zone
logo
Gamewell-FCI by Honeywe...
1120-0499 GAMEWELL-FCI-1120-0499 Datasheet
38Kb / 1P
   Zone Coder Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com