Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDU Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # IDU
Description  Addressable Interface Unit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

IDU Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  IDU Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The Addressable Interface Unit (IDU) is designed for retrofit purposes and provides the 7200 Series Fire Alarm Control
panel with the ability to communicate with FCI FC-ID Series addressable monitor or control modules. It mounts in any avail-
able module position.
The IDU provides two (2) signaling line circuits, each of which can be wired similar to NFPA Style 6 (Class “A”) or Style 4
(Class “B”). Each of these circuits can address up to 60 points, (50 monitor modules and 10 control modules for a maximum of
120 points per IDU. Up to five (5) IDU units can be accommodated by one 7200 Series control panel.
Signal processing for alarm verification is also available to provide a greater immunity to false alarms.
The IDU signaling line circuits each have a red “ALARM” LED and a yellow “TROUBLE” LED, along with a circuit “DIS-
CONNECT” user switch, for individual circuit control and programming functions.
A pluggable terminal block is provided with each unit for the connection of field wiring. This block will accommodate wire
sizes up to 12 AWG.
The IDU will accommodate FCI model CPD-ID, 301ID, 2W-ID, RIM-U, SLM, RZM, RSM, RZST and EOL-E monitor
modules, or CPM control modules.
The IDU unit occupies a full-size space in the cabinet.
TECHNICAL INFORMATION
Voltage
24 VDC (nominal)
Supervisory current
0.065 amp. maximum
Alarm current
0.085 amp.
Short circuit current
0.75 amp. max.
ORDERING INFORMATION
Part No.
Model
Description
1100-0389
IDU
Addressable Interface Unit
7200 SERIES
IDU
ADDRESSABLE INTERFACE UNIT
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed
by Fire Control Instruments, Inc. for their use. Specifications subject to change without notice.
1998 All Rights Reserved
9020-0462/Ver. 1.2
An ISO 9001 Certified Company


Similar Description - IDU

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CZM-SS GAMEWELL-FCI-CZM-SS Datasheet
226Kb / 4P
   Six-Zone Addressable Interface Module
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
   Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
   Control interface unit
IC-KP2-1HB17-2V1D PF-IC-KP2-1HB17-2V1D Datasheet
631Kb / 4P
   Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
   Control interface unit
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
   Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
   Control interface unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com