Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1030C Datasheet(PDF) 3 Page - Texas Instruments

Part No. LT1030C
Description  QUADRUPLE LOW-POWER LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1030C Datasheet(HTML) 3 Page - Texas Instruments

  LT1030C Datasheet HTML 1Page - Texas Instruments LT1030C Datasheet HTML 2Page - Texas Instruments LT1030C Datasheet HTML 3Page - Texas Instruments LT1030C Datasheet HTML 4Page - Texas Instruments LT1030C Datasheet HTML 5Page - Texas Instruments LT1030C Datasheet HTML 6Page - Texas Instruments LT1030C Datasheet HTML 7Page - Texas Instruments LT1030C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1030C
QUADRUPLE LOW-POWER LINE DRIVER
SLLS048F – APRIL 1989 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC+ (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC–
0 V to –15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, logic inputs, VI
VCC– to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at ON/OFF, VI
0 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (any output)
VCC+ – 30 V to VCC– + 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit to
±30 V at (or below) 25°C (see Note 2)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to GND.
2. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC+
5
15
V
Supply voltage, VCC–
–5
–15
V
High-level input voltage, VIH (see Note 4)
2
15
V
Low-level input voltage, VIL (see Note 4)
0.8
V
Operating free-air temperature, TA
0
70
°C
NOTE 4: These VIH and VIL specifications apply only for inputs IN1–IN4. For operating levels for ON/OFF, see Figure 2.
electrical characteristics over operating free-air temperature range, VCC± = ±5 V to ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOM+
Maximum positive peak output voltage swing
IO = –2 mA,
TA = 25°C
VCC+–0.3
VCC+–0.1
V
VOM–
Maximum negative peak output voltage swing
IO = 2 mA,
TA = 25°C
VCC–+0.9
VCC–+1.4
V
IIH
High-level input current
VI ≥ 2 V,
TA = 25°C
2
20
µA
IIL
Low-level input current
VI ≤ 0.8 V,
TA = 25°C
–10
–20
µA
II
Input current ON/OFF
VI = 0
–0.1
–10
µA
II
Input current, ON/OFF
VI = 5 V
30
65
µA
IO
Output current
TA = 25°C
5
12
mA
IOZ
Off-state output current
VO = ±15 V, TA = 25°C,
ON/OFF at 0.4 V
±2
±100
µA
ICC
Supply current (all outputs low)
VI ≥ at 2.4 V, IO = 0
500
1000
µA
ICC( ff)
Off state supply current
ON/OFF at 0.4 V
10
µA
ICC(off)
Off-state supply current
ON/OFF at 0.1 V
10
150
µA
‡ All typical values are at VCC± = ±12 V, TA = 25°C.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
THS6184 DUAL-PORT LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS 1  2  3  4  Texas Instruments
SN75172 QUADRUPLE DIFFRENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
MAX1488E ±15kV ESD-Protected Quad Low-Power RS-232 Line Driver 1  2  3  4  5  More Maxim Integrated Products
SN75174 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC173 QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments
SN65LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn