Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-13006 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13006
Description  10BASE-T/ETHERNET ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13006 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13006 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
10/23/97
1 OF 1
10BASE-T/ETHERNET ISOLATION TRANSFORMER
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
140
µHy
Leakage Inductance
0.2
µHy
Interwinding Capacitance (C
W/W
)12
pF
Rise Time
3.5
ns
ET
2.7
V
µS
Primary DC Resistance
0.3
ohms
Secondary DC Resistance
0.3
ohms
High Potential Test
2000
V
RMS
Test Conditions: 100mV @ 100 KHz
Operating Temp. Range -450C to +850C
IEEE 802.3 & ECMA Compatible
SCHEMATIC DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
Turns Ratio
1CT:1CT & 1CT:1.41CT*
*Pins 6 & 8 : 9 & 11
T-13006
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 19 pieces per tube
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.205
(5.21)
MAX.
.020
(0.51)
.885
(22.48)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
A surface mount version of this
part is available. Add suffix "G"
to part number (T-13006G)


Similar Part No. - T-13006

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13000 RHOMBUS-IND-T-13000 Datasheet
57Kb / 2P
   10 BASE-T Transformers
T-13001 RHOMBUS-IND-T-13001 Datasheet
57Kb / 2P
   10 BASE-T Transformers
More results

Similar Description - T-13006

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10806G RHOMBUS-IND-T-10806G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10808G RHOMBUS-IND-T-10808G Datasheet
39Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14001 RHOMBUS-IND-T-14001 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801 RHOMBUS-IND-T-10801 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801G RHOMBUS-IND-T-10801G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10805G RHOMBUS-IND-T-10805G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10901 RHOMBUS-IND-T-10901 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10800 RHOMBUS-IND-T-10800 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10802 RHOMBUS-IND-T-10802 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10903G RHOMBUS-IND-T-10903G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10800G RHOMBUS-IND-T-10800G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com