Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-12077G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-12077G
Description  Wideband Impedance Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-12077G Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-12077G Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
1 OF 1
01/21/99
Impedance Ratio
(
+ 5% )
1 : 1CT
Parameter
Min.
Max.
Units
Inductance
780
µH
Leakage Inductance
0.7
µH
Capacitance (C
W/W)35
pF
Primary DC Resistance
0.32
ohms
Secondary DC Resistance
0.32
ohms
Insertion loss (.005 - 100 MHz)
3.0
dB
Isolation
500
V
RMS
Electrical Specifications at 25O C
2
4
6
13
5
.200
(5.08)
MAX.
.020
(0.38)
.315
(8.00)
MAX.
.038
(0.96)
TYP.
.100
(2.54)
TYP.
TYP.
.405 (10.29)
.425 (10.80)
.270
(6.86)
.286
(7.27)
.010
(0.25)
TYP.
TYP.
.018
(0.46)
TYP.
TYP.
Physical Dimensions
inches (mm)
Schematic Diagram
Available on
Tape & Reel
www.rhombus-ind.com
Wideband Impedance Matching Transformer
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 55 pieces per tube
T-12077G


Similar Part No. - T-12077G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-12070 RHOMBUS-IND-T-12070 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
T-12071 RHOMBUS-IND-T-12071 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
T-12072 RHOMBUS-IND-T-12072 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
T-12073 RHOMBUS-IND-T-12073 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
T-12074 RHOMBUS-IND-T-12074 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
More results

Similar Description - T-12077G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1424 RHOMBUS-IND-T-1424 Datasheet
18Kb / 1P
   Wideband Impedance Matching Transformer
T-12201G RHOMBUS-IND-T-12201G Datasheet
27Kb / 1P
   Wideband Impedance Matching Transformer
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT JFW-57ZT_18 Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140MEX HAMMOND-140MEX Datasheet
311Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
List of Unclassifed Man...
140PEX ETC2-140PEX Datasheet
344Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT-12G JFW-57ZT-12G Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140QEX HAMMOND-140QEX Datasheet
341Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140TEX HAMMOND-140TEX Datasheet
323Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140PEX HAMMOND-140PEX Datasheet
344Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com