Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT821BTSOCT Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT821BTSOCT
Description  8-/9-/10-Bit Bus Interface Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT821BTSOCT Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT821BTSOCT Datasheet HTML 1Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 2Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 8Page - Texas Instruments CY74FCT821BTSOCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY74FCT821T
CY74FCT823T
CY74FCT825T
4
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −32 mA
2.0
V
VOH
Output HIGH Voltage
VCC = Min., IOH = −15 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min., IOL = 64 mA
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[6]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC = Min., IIN = −18 mA
−0.7
−1.2
V
II
Input HIGH Current
VCC = Max., VIN = VCC
5
µA
IIH
Input HIGH Current
VCC = Max., VIN = 2.7V
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = 0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC = Max., VOUT = 2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC = Max., VOUT = 0.5V
−10
µA
IOS
Output Short Circuit Current[7]
VCC = Max., VOUT = 0.0V
−60
−120
−225
mA
IOFF
Power-Off Disable
VCC = 0V, VOUT = 4.5V
±1
µA
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Notes:
5.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY74FCT821BTSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT821BTSOCT TI1-CY74FCT821BTSOCT Datasheet
811Kb / 14P
[Old version datasheet]   10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT821BTSOCTE4 TI1-CY74FCT821BTSOCTE4 Datasheet
811Kb / 14P
[Old version datasheet]   10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT821BTSOCTG4 TI1-CY74FCT821BTSOCTG4 Datasheet
811Kb / 14P
[Old version datasheet]   10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT821BTSOCT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
CY54FCT377T TI1-CY54FCT377T_14 Datasheet
683Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Texas Instruments
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
Integrated Device Techn...
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com