Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7802KU Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7802KU
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7802KU Datasheet(HTML) 5 Page - Texas Instruments

  DAC7802KU Datasheet HTML 1Page - Texas Instruments DAC7802KU Datasheet HTML 2Page - Texas Instruments DAC7802KU Datasheet HTML 3Page - Texas Instruments DAC7802KU Datasheet HTML 4Page - Texas Instruments DAC7802KU Datasheet HTML 5Page - Texas Instruments DAC7802KU Datasheet HTML 6Page - Texas Instruments DAC7802KU Datasheet HTML 7Page - Texas Instruments DAC7802KU Datasheet HTML 8Page - Texas Instruments DAC7802KU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DAC7800, 7801, 7802
5
SBAS005A
www.ti.com
LOGIC TRUTH TABLE
BLOCK DIAGRAM
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AGND A
CS
DB0
DB1
DB2
DB3
DB4
DB5
DGND
AGND B
I
R
V
V
UPD
WR
CLR
A1
A0
DB7
DB6
OUT A
FB A
REF A
FB B
REF B
DD
OUT B
DAC7801
I
R
V
DAC7801
CLR
UPD
CS
WR
A1
A0
FUNCTION
1
1
1
X
X
X
No Data Transfer
1
1
X
1
X
X
No Data Transfer
0
X
X
X
X
X
All Registers Cleared
1
1
0
0
0
0
DAC A LS Input Register Loaded with DB7 - DB0 (LSB)
1
1
0
0
0
1
DAC A MS Input Register Loaded with DB3 (MSB) - DB0
1
1
0
0
1
0
DAC B LS Input Register Loaded with DB7 - DB0 (LSB)
1
1
0
0
1
1
DAC B MS Input Register Loaded with DB3 (MSB) - DB0
1
0
1
0
X
X
DAC A, DAC B Registers Updated Simultaneously from Input Registers
1
0
0
0
X
X
DAC A, DAC B Registers are Transparent
X = Don’t care.
TIMING CHARACTERISTICS
VDD = +5V, VREF A = VREF B = +10V, TA = –40°C to +85°C.
PARAMETER
MINIMUM
t1 — Address Valid to Write Setup Time
10ns
t2 — Address Valid to Write Hold Time
10ns
t3 — Data Setup Time
30ns
t4 — Data Hold Time
10ns
t5 — Chip Select or Update to Write Setup Time
0ns
t6 — Chip Select or Update to Write Hold Time
0ns
t7 — Write Pulse Width
40ns
t8 — Clear Pulse Width
40ns
A0–A1
CLR
t
2
t
1
t
8
WR
t
7
CS, UPD
t
6
t
4
t
3
DATA
t
5
5V
0V
5V
0V
5V
0V
5V
0V
5V
0V
NOTES: (1) All input signal rise and fall times are measured from 10% to 90%
of +5V. t
R = t F = 5ns. (2) Timing measurement reference level is
.
V
IH + VIL
2
DAC A
I
AGND A
R
V
V
R
I
AGND B
OUT A
FB A
REF A
REF B
FB B
OUT B
20
V
DD
2
1
3
4
21
22
23
24
DAC A Register
4
8
DAC A
LS
Input
Reg
DAC A
MS
Input
Reg
DAC B
DAC B Register
4
8
12
DGND
DAC B
LS
Input
Reg
DAC B
MS
Input
Reg
19
16
15
5
18
17
UPD
A1
A0
CS
WR
CLR
DAC7801
14
6
DB7–DB0
12
12
Top View
DIP


Similar Part No. - DAC7802KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7802KU BURR-BROWN-DAC7802KU Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7802KU TI1-DAC7802KU Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7802KU/1K TI1-DAC7802KU/1K Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7802KUG4 TI1-DAC7802KUG4 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC7802KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com