Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT399CTSOCTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT399CTSOCTE4
Description  Quad 2-Input Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT399CTSOCTE4 Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT399CTSOCTE4 Datasheet HTML 1Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 2Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 3Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 4Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 5Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 6Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 7Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 8Page - Texas Instruments CY74FCT399CTSOCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY74FCT399T
QUAD 2-INPUT REGISTER
SCCS024A – MARCH 1994 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75,
IIN = –18 mA
–0.7
–1.2
V
VOH
VCC =4 75
IOH = –32 mA
2
V
VOH
VCC = 4.75
IOH = –15 mA
2.4
3.3
V
VOL
VCC = 4.75,
IOL = 64 mA
0.3
0.55
V
VH
All inputs
0.2
V
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
µA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
ICCD¶
VCC = 5.25 V, One input switching at 50% duty cycle, Outputs open,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
mA/
MHz
#
VCC = 5 25 V
One input switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
IC#
VCC = 5.25 V,
f0 = 10 MHz,
1
at 50% duty cycle
VIN = 3.4 V or GND
1.2
3.4
mA
IC#
0
,
Outputs open,
S = Steady state
Four inputs switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
mA
1
at 50% duty cycle
VIN = 3.4 V or GND
2.9
8.2||
Ci
5
10
pF
Co
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus
and/or sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise,
prolonged shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In
any sequence of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.


Similar Part No. - CY74FCT399CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT373ATQCT TI-CY74FCT373ATQCT Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT373ATQCT TI-CY74FCT373ATQCT Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATQCT TI1-CY74FCT373ATQCT Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATQCTE4 TI1-CY74FCT373ATQCTE4 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATSOC TI-CY74FCT373ATSOC Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
More results

Similar Description - CY74FCT399CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com