Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75183N Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75183N
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75183N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75183N Datasheet HTML 2Page - Texas Instruments SN75183N Datasheet HTML 3Page - Texas Instruments SN75183N Datasheet HTML 4Page - Texas Instruments SN75183N Datasheet HTML 5Page - Texas Instruments SN75183N Datasheet HTML 6Page - Texas Instruments SN75183N Datasheet HTML 7Page - Texas Instruments SN75183N Datasheet HTML 8Page - Texas Instruments SN75183N Datasheet HTML 9Page - Texas Instruments SN75183N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS8830, SN55183, SN75183
DUAL DIFFERENTIAL LINE DRIVERS
SLLS093D – OCTOBER 1972 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
(a) OUTPUTS Y AND Z
Differential
Output
Voltage
VOLTAGE WAVEFORMS
3 V
VYS
0 V
–VYS
0 V
1.5 V
1.5 V
Input
tPHL
tPLH
VOLTAGE WAVEFORMS
VOL
VOH
VOL
VOH
0 V
2.5 V
1.5 V
1.5 V
1.5 V
tPLH
tPHL
tPHL
1.5 V
1.5 V
tPLH
1.5 V
Input
Input
VCC = 5 V
5000 pF
100
W
TEST CIRCUIT
TEST CIRCUIT
CL = 15 pF
(see Note B)
Z
Output
CL = 15 pF
(see Note B)
Y
Output
VCC = ±5 V
Input
Pulse
Generator
(see Note A)
(b) DIFFERENTIAL OUTPUT
Y
Output
Z
Output
Pulse
Generator
(see Note A)
Z
Output
Y
Output
0 V
NOTES: A. The pulse generators have the following characteristics: ZO = 50 Ω, tr ≤ 10 ns, tf ≤ 10 ns, tw = 0.5 µs, PRR ≤ 1 MHz.
B. CL includes probe and jig capacitance.
C. Waveforms are monitored on an oscilloscope with ri ≥ 1 MΩ.
Figure 1. Test Circuits and Voltage Waveforms


Similar Part No. - SN75183N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75183N TI1-SN75183N Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75183NE4 TI1-SN75183NE4 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75183NSR TI1-SN75183NSR Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75183N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com