Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT399CTSOCE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT399CTSOCE4
Description  Quad 2-Input Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT399CTSOCE4 Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT399CTSOCE4 Datasheet HTML 1Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 2Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 3Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 4Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 5Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 6Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 7Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 8Page - Texas Instruments CY74FCT399CTSOCE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY74FCT399T
QUAD 2-INPUT REGISTER
SCCS024A – MARCH 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Fully Compatible With TTL Input and
Output Logic Levels
D 64-mA Output Sink Current
32-mA Output Source Current
description
The CY74FCT399T is a high-speed quad 2-input register that selects four bits of data from either of two sources
(ports) under control of a common select (S) input. Selected data are transferred to a 4-bit output register
synchronous with the low-to-high transition of the clock (CP) input. The 4-bit D-type output register is fully edge
triggered. The data inputs (I0X, I1X) and S input must be stable only one setup time prior to, and hold time after,
the low-to-high transition of CP for predictable operation. The CY74FCT399T has noninverted outputs.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
S
Common select input
CP
Clock-pulse input (active rising edge)
I0
Data inputs from source 0
I1
Data inputs from source 1
Q
Register noninverted outputs
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
SO
Tube
6.1
CY74FCT399CTSOC
FCT399C
40
°Cto85°C
SOIC – SO
Tape and reel
6.1
CY74FCT399CTSOCT
FCT399C
–40
°C to 85°C
SOIC
SO
Tube
7
CY74FCT399ATSOC
FCT399A
SOIC – SO
Tape and reel
7
CY74FCT399ATSOCT
FCT399A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
QA
I0A
I1A
I1B
I0B
QB
GND
VCC
QD
I0D
I1D
I1C
I0C
QC
CP
SO PACKAGE
(TOP VIEW)


Similar Part No. - CY74FCT399CTSOCE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT373ATQCT TI-CY74FCT373ATQCT Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT373ATQCT TI-CY74FCT373ATQCT Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATQCT TI1-CY74FCT373ATQCT Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATQCTE4 TI1-CY74FCT373ATQCTE4 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373ATSOC TI-CY74FCT373ATSOC Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
More results

Similar Description - CY74FCT399CTSOCE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com