Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD75323 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # GD75323
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75323 Datasheet(HTML) 6 Page - Texas Instruments

Back Button GD75323 Datasheet HTML 2Page - Texas Instruments GD75323 Datasheet HTML 3Page - Texas Instruments GD75323 Datasheet HTML 4Page - Texas Instruments GD75323 Datasheet HTML 5Page - Texas Instruments GD75323 Datasheet HTML 6Page - Texas Instruments GD75323 Datasheet HTML 7Page - Texas Instruments GD75323 Datasheet HTML 8Page - Texas Instruments GD75323 Datasheet HTML 9Page - Texas Instruments GD75323 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GD75323
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS213A – JANUARY 1996 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Positive going input threshold voltage
See Figure 5
TA = 25°C
1.75
1.9
2.3
VIT+
Positive-going input threshold voltage
See Figure 5
TA = 0°C to 70 °C
1.55
2.3
V
VIT–
Negative-going input threshold voltage
See Figure 5
0.75
0.97
1.25
V
Vhys
Input hysteresis voltage (VIT+ – VIT–)
See Figure 5
0.5
VOH
High level output voltage
IOH =0 5 mA
VIH = 0.75 V
2.6
4
5
V
VOH
High-level output voltage
IOH = – 0.5 mA
Inputs open
2.6
V
VOL
Low-level output voltage
IOL = 10 mA,
VI = 3 V
0.2
0.45
V
IIH
High level input current
VI = 25 V,
See Figure 5
3.6
8.3
mA
IIH
High-level input current
VI = 3 V,
See Figure 5
0.43
mA
IIL
Low level input current
VI = – 25 V,
See Figure 5
– 3.6
– 8.3
mA
IIL
Low-level input current
VI = – 3 V,
See Figure 5
– 0.43
mA
IOS
Short-circuit output current
See Figure 4
– 3.4
–12
mA
† All typical values are at TA = 25°C, VCC = 5 V, VDD = 9 V, and VSS = –9 V.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = –12 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
107
500
ns
tPHL
Propagation delay time, high- to low-level output
CL = 50 pF,
RL = 5 kΩ,
42
150
ns
tTLH
Transition time, low- to high-level output
L
See Figure 6
L
175
525
ns
tTHL
Transition time, high- to low-level output
16
60
ns
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver Test Circuit
for VOH, VOL, IOS(H), and IOS(L
IOS(L)
–IOS(H)
VSS
VDD
VCC
VI
VO
VDD or GND
VSS or GND
RL = 3 kΩ
Figure 2. Driver Test Circuit for IIH and IIL
–IIL
IIH
VSS
VDD
VCC
VI
VI


Similar Part No. - GD75323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI1-GD75323 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DW TI1-GD75323DW Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DWG4 TI1-GD75323DWG4 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DWR TI1-GD75323DWR Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323N TI1-GD75323N Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75323

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com