Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162H501ETPVC Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT162H501ETPVC
Description  18-Bit Registered Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162H501ETPVC Datasheet(HTML) 4 Page - Texas Instruments

  74FCT162H501ETPVC Datasheet HTML 1Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 2Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 3Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 4Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 5Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 6Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 7Page - Texas Instruments 74FCT162H501ETPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
4
Capacitance[9] (TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[8]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Sym.
Parameter
Test Conditions[13]
Min.
Typ.[8]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V
VIN>VCC−0.2V
5
500
µA
∆I
CC
Quiescent Power Supply
Current TTL inputs HIGH
VCC= Max., VIN = 3.4V
[14]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[15]
VCC=Max., Outputs Open
OEAB=OEBA=VCC or GND
One Input Toggling,
50% Duty Cycle
VIN=VCC or
VIN=GND
75
120
µA/
MHz
IC
Total Power Supply
Current[16]
VCC=Max., Outputs Open
f0 =10MHz (CLKAB)
50% Duty Cycle
OEAB=OEBA=VCC
LEAB = GND, One Bit Toggling
f1 = 5MHz, 50% Duty Cycle
VIN=VCC or
VIN=GND
0.8
1.7
mA
VIN=3.4V or
VIN=GND
1.3
3.2
VCC=Max., Outputs Open
f0 = 10MHz (CLKAB)
50% Duty Cycle
OEAB=OEBA=VCC
LEAB=GND
Eighteen Bits Toggling
f1=2.5MHz, 50% Duty Cycle
VIN=VCC or
VIN=GND
3.8
6.5[17]
VIN=3.4V or
VIN=GND
8.5
20.8[17]
Notes:
13. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
14. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
15. This parameter is not directly testable, but is derived for use in Total Power Supply.
16. IC=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
17. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - 74FCT162H501ETPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162H501ETPVC TI1-74FCT162H501ETPVC Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
74FCT162H501ETPVCT TI1-74FCT162H501ETPVCT Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
More results

Similar Description - 74FCT162H501ETPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com