Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT2827TSOIC Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT2827TSOIC
Description  10-Bit Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT2827TSOIC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT2827TSOIC Datasheet HTML 1Page - Texas Instruments CY74FCT2827TSOIC Datasheet HTML 2Page - Texas Instruments CY74FCT2827TSOIC Datasheet HTML 3Page - Texas Instruments CY74FCT2827TSOIC Datasheet HTML 4Page - Texas Instruments CY74FCT2827TSOIC Datasheet HTML 5Page - Texas Instruments CY74FCT2827TSOIC Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY74FCT2827T
4
Switching Characteristics Over the Operating Range[11]
Param.
Description
Test Load
CY74FCT2827AT
CY74FCT2827CT
Unit
Fig.
No.[12]
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay D to Y
CL=50 pF
RL=500Ω
1.5
8.0
1.5
4.4
ns
1, 3
tPLH
tPHL
Propagation Delay D to Y[5]
CL=300 pF
RL=500Ω
1.5
15.0
1.5
10.0
ns
1, 3
tPZH
tPZL
Output Enable Time OE to Y
CL=50 pF
RL=500Ω
1.5
12.0
1.5
7.0
ns
1, 7, 8
tPZH
tPZL
Output Enable Time OE to Y[5]
CL=300 pF
RL=500Ω
1.5
23.0
1.5
14.0
ns
1, 7, 8
tPHZ
tPHL
Output Disable Time OE to Y[5]
CL=5 pF
RL=500Ω
1.5
9.0
1.5
5.7
ns
1, 7, 8
tPHZ
tPHL
Output Disable Time OE to Y
CL=50 pF
RL=500Ω
1.5
9.0
1.5
6.0
ns
1, 7, 8
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.4
CY74FCT2827CTQCT
Q13
24-Lead (150-Mil) QSOP
Commercial
8.0
CY74FCT2827ATQCT
Q13
24-Lead (150-Mil) QSOP
Commercial
Note:
11. Minimum limits are specified but not tested on Propagation Delays.
12. See “Parameter Measurement Information” in the General Information section.
Document #: 38-00347-A


Similar Part No. - CY74FCT2827TSOIC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2827T TI1-CY74FCT2827T Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2827TSOIC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT827T TI-CY5474FCT827T Datasheet
66Kb / 7P
[Old version datasheet]   10-Bit Buffer
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDTQS74FCT2827AT IDT-IDTQS74FCT2827AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
IDTQS74FCT2828AT IDT-IDTQS74FCT2828AT Datasheet
60Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
logo
Texas Instruments
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com