Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB903 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SB903
Description  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB903 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SB903 Datasheet HTML 1Page - Savantic, Inc. 2SB903 Datasheet HTML 2Page - Savantic, Inc. 2SB903 Datasheet HTML 3Page - Savantic, Inc. 2SB903 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB903
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA ; IE=0
-60
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ;RBE=;
-30
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ; IC=0
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-5A, IB=-0.25A
-0.5
V
ICBO
Collector cut-offcurrent
VCB=-40V;IE=0
-0.1
mA
IEBO
Emitter cut-offcurrent
VEB=-4V;IC=0
-0.1
mA
hFE-1
DC current gain
IC=-1A ; VCE=-2V
70
280
hFE-2
DC current gain
IC=-6A ; VCE=-2V
30
fT
Transition frequency
IC=-1A ; VCE=-5V
120
MHz
Switching times
ton
Turn-on time
0.10
µs
tstg
Storage time
0.30
µs
tf
Fall time
IC=-5A ;IB1=-IB2=-0.5A;
VCC=-10V;RL=2B
0.03
µs
hFE-1 classifications
Q
R
S
70-140
100-200
140-280


Similar Part No. - 2SB903

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
   30V/12A High-Speed Switching Applications
logo
Quanzhou Jinmei Electro...
2SB903 JMNIC-2SB903 Datasheet
224Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB903 ISC-2SB903 Datasheet
191Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB903 SAVANTIC-2SB903 Datasheet
162Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB903 NJSEMI-2SB903 Datasheet
129Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB903

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com