Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT16823ETPVC Datasheet(PDF) 6 Page - Texas Instruments

Part # CY74FCT16823ETPVC
Description  18-Bit Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16823ETPVC Datasheet(HTML) 6 Page - Texas Instruments

  CY74FCT16823ETPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16823ETPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY74FCT16823T
CY74FCT162823T
6
tSU
Set-Up Time
HIGH or LOW, D to CLK
CL=50 pF
RL=500Ω
2.0
1.5
ns
4
tH
Hold Time
HIGH or LOW, D to CLK
1.5
0.0
ns
4
tSU
Set-Up Time
HIGH or LOW, CLKEN to CLK
3.0
2.5
ns
9
tH
Hold Time HIGH or LOW
CLKEN to CLK
0.0
0.0
ns
9
tW
CLK Pulse Width
HIGH or LOW
3.3
3.3
ns
5
tW
CLR Pulse Width LOW
3.3
3.0
ns
5
tREM
Recovery Time
CLR to CLK
6.0
3.0
ns
6
tSK(O)
Output Skew[18]
0.5
0.5
ns
Notes:
15. Minimum limits are specified but not tested on Propagation Delays.
16. See “Parameter Measurement Information” in the General Information section.
17. These limits are specified but not tested.
18. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Switching Characteristics Over the Operating Range[15] (continued)
CY74FCT16823CT
CY74FCT162823CT
CY74FCT16823ET
CY74FCT162823ET
Parameter
Description
Condition[16]
Min.
Max.
Min.
Max.
Unit
Fig.No.[16]
Ordering Information CY74FCT16823
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.4
CY74FCT16823ETPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT16823ETPVC/PVCT
O56
56-Lead (300-Mil) SSOP
6.0
CY74FCT16823CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT16823CTPVC/PVCT
O56
56-Lead (300-Mil) SSOP
10.0
CY74FCT16823ATPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
Ordering Information CY74FCT162823
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.4
74FCT162823ETPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162823ETPVC
O56
56-Lead (300-Mil) SSOP
74FCT162823ETPVCT
O56
56-Lead (300-Mil) SSOP
6.0
74FCT162823CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT162823CTPVC
O56
56-Lead (300-Mil) SSOP
74FCT162823CTPVCT
O56
56-Lead (300-Mil) SSOP
10.0
74FCT162823ATPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial


Similar Part No. - CY74FCT16823ETPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823ETPVC TI1-CY74FCT16823ETPVC Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
CY74FCT16823ETPVCT TI1-CY74FCT16823ETPVCT Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results

Similar Description - CY74FCT16823ETPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Texas Instruments
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
   4-Bit Registers
logo
Texas Instruments
CY74FCT163374 TI1-CY74FCT163374 Datasheet
133Kb / 10P
[Old version datasheet]   16-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com