Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT646TLMB Datasheet(PDF) 3 Page - Texas Instruments

Part # CY54FCT646TLMB
Description  8-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT646TLMB Datasheet(HTML) 3 Page - Texas Instruments

  CY54FCT646TLMB Datasheet HTML 1Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 2Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 3Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 4Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 5Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 6Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 7Page - Texas Instruments CY54FCT646TLMB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY54/74FCT646T
3
Maximum Ratings[4, 5]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –65
°C to +135°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage............................................ –0.5V to +7.0V
DC Output Voltage ......................................... –0.5V to +7.0V
DC Output Current (Maximum Sink Current/Pin).......120 mA
Power Dissipation .......................................................... 0.5W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Operating Range
Range
Range
Ambient
Temperature
VCC
Commercial
All
–40
°C to +85°C
5V
± 5%
Military[6]
All
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[7]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=–32 mA
Com’l
2.0
V
VCC=Min., IOH=–15 mA
Com’l
2.4
3.3
V
VCC=Min., IOH=–12 mA
Mil
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
Com’l
0.3
0.55
V
VCC=Min., IOL=48 mA
Mil
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[8]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
II
Input HIGH Current
VCC=Max., VIN=VCC
5
µA
IIH
Input HIGH Current[8]
VCC=Max., VIN=2.7V
±1
µA
IIL
Input LOW Current[8]
VCC=Max., VIN=0.5V
±1
µA
IOS
Output Short Circuit Current[9]
VCC=Max., VOUT=0.0V
–60
–120
–225
mA
IOFF
Power-Off Disable
VCC=0V, VOUT=4.5V
±1
µA
Capacitance[8]
Parameter
Description
Typ.[7]
Max.
Unit
CIN
Input Capacitance
6
10
pF
COUT
Output Capacitance
8
12
pF
Notes:
4.
Unless otherwise noted, these limits are over the operating free-air temperature range.
5.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
6.
TA is the “instant on” case temperature.
7.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
8.
This parameter is specified but not tested.
9.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY54FCT646TLMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT646T TI1-CY54FCT646T Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY54FCT646TLMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com