Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT646ATSOCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT646ATSOCT
Description  8-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT646ATSOCT Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT646ATSOCT Datasheet HTML 1Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 2Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT646ATSOCT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY54/74FCT646T
5
Switching Characteristics Over the Operating Range[14]
Parameter
Description
FCT646T
FCT646AT
Unit
Fig.
No.[15]
Military
Commercial
Commercial
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Bus to Bus
2.0
11.0
1.5
9.0
1.5
6.3
ns
1, 3
tPZH
tPZL
Output Enable Time
Enable to Bus and DIR to An or Bn
2.0
15.0
1.5
14.0
1.5
9.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
G to Bus and DIR to Bus
2.0
11.0
1.5
9.0
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay
Clock to Bus
2.0
10.0
1.5
9.0
1.5
6.3
ns
1, 5
tPLH
tPHL
Propagation Delay
SBA or SAB to A or B
2.0
12.0
1.5
11.0
1.5
7.7
ns
1, 5
tS
Set-Up Time HIGH or LOW,
Bus to Clock
4.5
4.0
2.0
ns
4
tH
Hold Time HIGH or LOW,
Bus to Clock
2.0
2.0
1.5
ns
4
tW
Pulse Width, HIGH or LOW [8]
6.0
6.0
5.0
ns
5
Parameter
Description
FCT646CT
Unit
Fig.
No.[15]
Military
Commercial
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Bus to Bus
1.5
6.0
1.5
5.4
ns
1, 3
tPZH
tPZL
Output Enable Time Enable to Bus and DIR to An or Bn
1.5
8.9
1.5
7.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time G to Bus and DIR toBus
1.5
7.7
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay Clock to Bus
1.5
6.3
1.5
5.7
ns
1, 5
tPLH
tPHL
Propagation Delay SBA or SAB to A or B
1.5
7.0
1.5
6.2
ns
1, 5
tS
Set-Up Time, HIGH or LOW, Bus to Clock
2.0
2.0
ns
4
tH
Hold Time, HIGH or LOW, Bus to Clock
1.5
1.5
ns
4
tW
Pulse Width,[8] HIGH or LOW
5.0
5.0
ns
5
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information Section.


Similar Part No. - CY74FCT646ATSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT646ATSOCT TI1-CY74FCT646ATSOCT Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT646ATSOCTE4 TI1-CY74FCT646ATSOCTE4 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT646ATSOCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com