Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT827CTSOC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT827CTSOC
Description  10-Bit Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT827CTSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT827CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT827CTSOC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY54/74FCT827T
2
Maximum Ratings[2, 3]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –65
°C to +135°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage............................................ –0.5V to +7.0V
DC Output Voltage ......................................... –0.5V to +7.0V
DC Output Current (Maximum Sink Current/Pin).......120 mA
Power Dissipation .......................................................... 0.5W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Operating Range
Range
Range
Ambient
Temperature
VCC
Commercial
All
–40
°C to + 85°C
5V
± 5%
Military[4]
All
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC= Min., IOH= –32 mA
Com’l
2.0
V
VCC= Min., IOH= –15 mA
Com’l
2.4
3.3
V
VCC= Min., IOH= –12 mA
Mil
2.4
3.3
V
VOL
Output LOW Voltage
VCC= Min., IOL= 64 mA
Com’l
0.3
0.55
V
VCC= Min., IOL= 32 mA
Mil
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[6]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC= Min., IIN= –18 mA
–0.7
–1.2
V
II
Input HIGH Current
VCC= Max., VIN= VCC
5
µA
IIH
Input HIGH Current
VCC= Max., VIN= 2.7V
±1
µA
IIL
Input LOW Current
VCC= Max., VIN= 0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC = Max., VOUT = 2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC = Max., VOUT = 0.5V
–10
µA
IOS
Output Short Circuit Current[7]
VCC= Max., VOUT= 0.0V
–60
–120
–225
mA
IOFF
Power-Off Disable
VCC= 0V, VOUT= 4.5V
±1
µA
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Notes:
2.
Unless otherwise noted, these limits are over the operating free-air temperature range.
3.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
4.
TA is the “instant on” case temperature.
5.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY74FCT827CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT827CTSOC TI1-CY74FCT827CTSOC Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
CY74FCT827CTSOCE4 TI1-CY74FCT827CTSOCE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
CY74FCT827CTSOCG4 TI1-CY74FCT827CTSOCG4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
CY74FCT827CTSOCT TI1-CY74FCT827CTSOCT Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
CY74FCT827CTSOCTE4 TI1-CY74FCT827CTSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT827CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2827T TI-CY74FCT2827T Datasheet
41Kb / 6P
[Old version datasheet]   10-Bit Buffer
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDTQS74FCT2827AT IDT-IDTQS74FCT2827AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
IDTQS74FCT2828AT IDT-IDTQS74FCT2828AT Datasheet
60Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
logo
Texas Instruments
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com