Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163646 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT163646
Description  16-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163646 Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT163646 Datasheet HTML 1Page - Texas Instruments CY74FCT163646 Datasheet HTML 2Page - Texas Instruments CY74FCT163646 Datasheet HTML 3Page - Texas Instruments CY74FCT163646 Datasheet HTML 4Page - Texas Instruments CY74FCT163646 Datasheet HTML 5Page - Texas Instruments CY74FCT163646 Datasheet HTML 6Page - Texas Instruments CY74FCT163646 Datasheet HTML 7Page - Texas Instruments CY74FCT163646 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
16-Bit Registered Transceiver
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
SCCS058 - March 1997 - Revised March 2000
CY74FCT163646
Copyright
© 2000, Texas Instruments Incorporated
1CY74FCT163646
Features
• Low power, pin-compatible replacement for LCX and
LPT families
• 5V tolerant inputs and outputs
• 24 mA balanced drive outputs
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for reduced noise
• FCT-C speed at 5.4 ns
• Latch-up performance exceeds JEDEC standard no. 17
• ESD > 2000V per MIL-STD-883D, Method 3015
• Typical output skew < 250 ps
• Industrial temperature range of –40˚C to +85˚C
• TSSOP (19.6-mil pitch) or SSOP (25-mil pitch)
• Typical Volp (ground bounce) performance exceeds Mil
Std 883D
•VCC = 2.7V to 3.6V
Functional Description
The CY74FCT163646 16-bit transceiver is a three-state,
D-type register, and control circuitry arranged for multiplexed
transmission of data directly from the input bus or from the
internal registers. Data on the A or B bus will be clocked into
the registers as the appropriate clock pin goes to a HIGH logic
level. Output Enable (OE) and direction pins (DIR) are
provided to control the transceiver function. In the transceiver
mode, data present at the high impedance port may be stored
in either the A or B register, or in both. The select controls can
multiplex stored and real-time (transparent mode) data. The
direction control determines which bus will receive data when
the Output Enable (OE) is Active LOW. In the isolation mode
(Output Enable (OE) HIGH), A data may be stored in the B
register and/or B data may be stored in the A register.
The CY74FCT163646 has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The inputs
and outputs were designed to be capable of being driven by
5.0V buses, allowing them to be used in mixed voltage
systems as translators. The outputs are also designed with a
power-off disable feature enabling them to be used in
applications requiring live insertion.
Logic Block Diagrams
C
D
1B1
C
D
1A1
TO 7 OTHER CHANNELS
1SAB
1CLKAB
1CLKBA
1DIR
1SBA
1OE
B REG
A REG
C
D
2B1
C
D
2A1
2SAB
2CLKAB
2CLKBA
2DIR
2SBA
2OE
B REG
TO 7 OTHER CHANNELS
A REG


Similar Part No. - CY74FCT163646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652APAC TI1-CY74FCT163652APAC Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652APACT TI1-CY74FCT163652APACT Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652CPAC TI1-CY74FCT163652CPAC Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652CPACT TI1-CY74FCT163652CPACT Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
More results

Similar Description - CY74FCT163646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
SN74LVCH16952A TI1-SN74LVCH16952A_08 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Integrated Device Techn...
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com