Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY74FCT273TQCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. CY74FCT273TQCT
Description  8-Bit Register
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CY74FCT273TQCT Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY54/74FCT273T
4
Document #: 38-00380-A
Switching Characteristics Over the Operating Range[12]
Parameter
Description
FCT273T
FCT273AT
Unit
Fig. No.[13]
Commercial
Military
Commercial
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Clock to Output
2.0
13.0
2.0
8.3
2.0
7.2
ns
1, 5
tPLH
tPHL
Propagation Delay MR to Output
2.0
13.0
2.0
8.3
2.0
7.2
ns
1, 6
tS
Set-Up Time HIGH or LOW D to Clock
2.0
2.0
2.0
ns
4
tH
Hold Time HIGH or LOW D to Clock
1.5
1.5
1.5
ns
4
tW
Clock Pulse Width HIGH or LOW
6.0
6.0
6.0
ns
5
tW
MR Pulse Width LOW
6.0
6.0
6.0
ns
6
tREC
Recovery Time MR to Clock
2.0
2.5
2.0
ns
6
Parameter
Description
FCT273CT
Unit
Fig. No.[13]
Commercial
Min.
Max.
tPLH
tPHL
Propagation Delay Clock to Output
2.0
5.8
ns
1, 5
tPLH
tPHL
Propagation Delay MR to Output
2.0
6.1
ns
1, 6
tS
Set-Up Time HIGH or LOW D to Clock
2.0
ns
4
tH
Hold Time HIGH or LOW D to Clock
1.5
ns
4
tW
Clock Pulse Width HIGH or LOW
6.0
ns
5
tW
MR Pulse Width LOW
6.0
ns
6
tREC
Recovery Time MR to Clock
2.0
ns
6
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.8
CY74FCT273CTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT273CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
7.2
CY74FCT273ATQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT273ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
8.3
CY54FCT273ATLMB
L61
20-Square Leadless Chip Carrier
Military
CY54FCT273ATDMB
D6
20-Lead (300-Mil) CerDIP
13.0
CY74FCT273TQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT273TSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM54LS5028-Bit Successive Approximation Register 1 2 3 4 5 MoreNational Semiconductor (TI)
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1658-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
HEF4021B8-bit static shift register 1 2 3 4 5 MoreNXP Semiconductors
CY5474FCT377T8-Bit Register 1 2 3 4 5 MoreTexas Instruments
TC74HC590AP8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
HCS164MSRadiation Hardened 8-Bit Serial-In/Parallel-Out Register 1 2 3 4 5 MoreIntersil Corporation
MN30208-bit D/A Converter with Input Register 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn