Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S16C60 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # S16C60
Description  SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S16C60 Datasheet(HTML) 2 Page - Mospec Semiconductor

  S16C60 Datasheet HTML 1Page - Mospec Semiconductor S16C60 Datasheet HTML 2Page - Mospec Semiconductor S16C60 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - S16C60

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
S16C60A THINKISEMI-S16C60A Datasheet
641Kb / 2P
   16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
logo
Compact Technology Corp...
S16C60C CTC-S16C60C Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S16C60CE MOSPEC-S16C60CE Datasheet
186Kb / 2P
   Schottky Barrier Rectifiers
logo
Chenmko Enterprise Co. ...
S16C60PT CHENMKO-S16C60PT Datasheet
67Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S16C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S16S30 MOSPEC-S16S30 Datasheet
239Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
SBD1630CT MOSPEC-SBD1630CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-45V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S20S30 MOSPEC-S20S30 Datasheet
245Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
S30C30 MOSPEC-S30C30 Datasheet
256Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com