Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163H245 Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163H245
Description  16-Bit Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163H245 Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163H245 Datasheet HTML 1Page - Texas Instruments CY74FCT163H245 Datasheet HTML 2Page - Texas Instruments CY74FCT163H245 Datasheet HTML 3Page - Texas Instruments CY74FCT163H245 Datasheet HTML 4Page - Texas Instruments CY74FCT163H245 Datasheet HTML 5Page - Texas Instruments CY74FCT163H245 Datasheet HTML 6Page - Texas Instruments CY74FCT163H245 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY74FCT163245
CY74FCT163H245
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICCD
Dynamic Power Supply
Current[11]
VCC=Max., One Input Toggling,
50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply
Current[12]
VCC=Max., f1=10 MHz, 50%
Duty Cycle, Outputs Open, One
Bit Toggling, OE=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC–0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f1=2.5 MHz, 50%
Duty Cycle, Outputs Open, Six-
teen Bits Toggling, OE=GND
VIN=VCC or
VIN=GND
2.0
3.0[13]
mA
VIN=VCC–0.6V or
VIN=GND
2.0
3.3[13]
mA
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[14,15]
Parameter
Description
CY74FCT163245A
CY74FCT163H245A
CY74FCT163245C
CY74FCT163H245C
Min.
Max.
Min.
Max.
Unit
Fig. No.[16]
tPLH
tPHL
Propagation Delay Data to
Output
1.5
4.8
1.5
4.1
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
6.2
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.6
1.5
5.2
ns
1, 7, 8
tSK(O)
Output Skew[17]
0.5
0.5
ns
Notes:
11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
12. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
14. Minimum limits are specified but not tested on Propagation Delays.
15. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Ordering Information CY74FCT163245
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
CY74FCT163245CPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163245CPVC/PVCT
O48
48-Lead (300-Mil) SSOP
4.8
CY74FCT163245APACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT163245APVC/PVCT
O48
48-Lead (300-Mil) SSOP


Similar Part No. - CY74FCT163H245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163H245 TI1-CY74FCT163H245 Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163H245APVC TI1-CY74FCT163H245APVC Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163H245CPAC TI1-CY74FCT163H245CPAC Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163H245CPVC TI1-CY74FCT163H245CPVC Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
More results

Similar Description - CY74FCT163H245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T_01 Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163245 TI1-CY74FCT163245_05 Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com