Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT16245TSSOP Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT16245TSSOP
Description  16-bIT TRANSCEI
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16245TSSOP Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT16245TSSOP Datasheet HTML 1Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 2Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 3Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 4Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 5Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 6Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 7Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 8Page - Texas Instruments CY74FCT16245TSSOP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
2
Maximum Ratings[3, 4]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ........................Com’l -55
°C to +125°C
Ambient Temperature with
Power Applied....................................Com’l -55
°C to +125°C
DC Input Voltage ........................................... –0.5V to +7.0V
DC Output Voltage......................................... –0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin) ........................–60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Notes:
1.
On CY74FCT162H245T these pins have bus hold.
2.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = High Impedance.
3.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range.
4.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Pin Description
Name
Description
OE
Three-State Output Enable Inputs (Active LOW)
DIR
Direction Control
A
Inputs or Three-State Outputs[1]
B
Inputs or Three-State Outputs[1]
Function Table[2]
Inputs
Outputs
OE
DIR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
Operating Range
Range
Ambient
Temperature
VCC
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
Standard
VCC=Max., VI=VCC
±1
µA
Bus Hold
±100
IIL
Input LOW Current
Standard
VCC=Max., VI=GND
±1
µA
Bus Hold
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[7]
VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold Input[7] VCC=Max., VI=1.5V
TBD
mA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[8]
VCC=Max., VOUT=GND
–80
–140
–200
mA
IO
Output Drive Current[8]
VCC=Max., VOUT=2.5V
–50
–180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[9]
±1
µA


Similar Part No. - CY74FCT16245TSSOP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16245TPACT TI-CY74FCT16245TPACT Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16245TPVC TI-CY74FCT16245TPVC Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16245TPVC/PVCT TI-CY74FCT16245TPVC/PVCT Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16245TPVCT TI-CY74FCT16245TPVCT Datasheet
317Kb / 17P
[Old version datasheet]   16-Bit Transceivers
More results

Similar Description - CY74FCT16245TSSOP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9241AEY VISHAY-SI9241AEY Datasheet
60Kb / 5P
   Single-Ended Bus Transcei
Rev. E, 16-Feb-04
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
logo
Texas Instruments
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
   16-Bit Microcontroller
logo
Texas Instruments
CY74FCT16373T TI-CY74FCT16373T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Latches
TMS9995NL-12 TI-TMS9995NL-12 Datasheet
3Mb / 39P
[Old version datasheet]   16-Bit Microcomputer
logo
InnovASIC, Inc
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com