Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT480TQSOP Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT480TQSOP
Description  Dual 8-Bit Parity Generator/Checker
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT480TQSOP Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT480TQSOP Datasheet HTML 1Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 2Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 3Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 4Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 5Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 6Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 7Page - Texas Instruments CY74FCT480TQSOP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual 8-Bit Parity Generator/Checker
CY54/74FCT480T
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
SCCS025 - May 1993 - Revised March 2000
Copyright
© 2000, Texas Instruments Incorporated
1CY54/74FCT480T
Features
• Function, pinout and drive compatible with FCT and F
logic
• FCT-A speed at 7.5 ns max. (Com’l)
FCT-B speed at 5.6 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• Matched rise and fall times
• ESD > 2000V
• Fully compatible with TTL input and output logic levels
• Sink Current
64 mA (Com’l),
32 mA (Mil)
Source Current
32 mA (Com’l),
12 mA (Mil)
• Two 8-bit parity generator/checkers
• Open drain Active LOW parity error output
• Expandable for larger word widths
Functional Description
The
FCT480T
is
a
high-speed
dual
8-bit
parity
generator/checker. Each parity generator/checker accepts
eight data bits and one parity bit as inputs, and generates a
sum and parity error output. The FCT480T can be used in
ODD parity systems. The parity error output is open-drain,
designed for easy expansion of the word width by a wired-OR
connection of several FCT480T type devices. Since additional
logic is not needed, the parity generation or checking times
remain the same as for an individual FCT480T device.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
FCT480T–1
28
4
5
6
7
8
9
10
3
2
1
27
13
14
15
16
17
26
25
24
23
22
21
20
11
12
19
18
LCC
Top View
A1
B1
CHK/GEN
PAR2
VCC
NC
A2
B2
ERROR
ODD2
NC
GND
ODD1
C1
A1
B1
C1
D1
E1
F1
G1
H1
PAR1
CHK/GEN
ERR
A2
B2
C2
D2
E2
F2
G2
H2
PAR2
ODD2
ODD1
FCT480T–2
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
24
23
22
21
13
14
A1
B1
C1
D1
E1
F1
G1
H1
PAR1
CHK/GEN
ODD1
GND
VCC
A2
B2
C2
D2
F2
G2
H2
ERROR
PAR2
ODD2
FCT480T–3
15
E2
DIP/SOIC/QSOP
Top View


Similar Part No. - CY74FCT480TQSOP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT480T TI1-CY74FCT480T Datasheet
159Kb / 11P
[Old version datasheet]   DUAL 8-BIT PARITY GENERATORS/CHECKERS
More results

Similar Description - CY74FCT480TQSOP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74180 ETC1-74180 Datasheet
59Kb / 2P
   8-BIT PARITY GENERATOR/CHECKER
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Hitachi Semiconductor
HD74HC180 HITACHI-HD74HC180 Datasheet
51Kb / 8P
   8-bit Odd/Even Parity Generator/Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com