Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT377T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT377T
Description  8-Bit Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT377T Datasheet(HTML) 4 Page - Texas Instruments

  CY54FCT377T Datasheet HTML 1Page - Texas Instruments CY54FCT377T Datasheet HTML 2Page - Texas Instruments CY54FCT377T Datasheet HTML 3Page - Texas Instruments CY54FCT377T Datasheet HTML 4Page - Texas Instruments CY54FCT377T Datasheet HTML 5Page - Texas Instruments CY54FCT377T Datasheet HTML 6Page - Texas Instruments CY54FCT377T Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY54/74FCT377T
4
Switching Characteristics Over the Operating Range[12, 13]
Parameter
Description
FCT377T
FCT377AT
Unit
Fig.
No.[14]
Commercial
Military
Commercial
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Clock to
Output
2.0
13.0
2.0
8.3
2.0
7.2
ns
1, 5
tS
Set-Up Time HIGH or LOW
Data to CP
2.0
2.0
2.0
ns
4
tH
Hold Time HIGH or LOW
Data to CP
1.5
1.5
1.5
ns
4
tW
Set-Up Time HIGH or LOW
CE to CP
3.5
3.5
3.5
ns
4
tW
Set-Up Time HIGH or LOW
CE to CP
1.5
1.5
1.5
ns
4
tW
Clock Pulse Width[15] HIGH or
LOW
6.0
7.0
6.0
ns
6
Parameter
Description
FCT377CT
Unit
Fig.
No.[14]
Military
Commercial
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Clock to Output
2.0
5.5
2.0
5.2
ns
1, 5
tS
Set-Up Time, HIGH or LOW, Data to CP
2.0
2.0
ns
4
tH
Hold Time, HIGH or LOW, Data to CP
1.5
1.5
ns
4
tW
Set-Up Time, HIGH or LOW, CE to CP
3.5
3.5
ns
4
tW
Set-Up Time HIGH or LOW, CE to CP
1.5
1.5
ns
4
tW
Clock Pulse Width[15] HIGH or LOW
7.0
6.0
ns
6
Notes:
12. AC Characteristics specified with CL=50 pF as shown in Figure 1 of the “Parameter Measurement Information” in the General Information section.
13. Minimum limits are specified but not tested on Propagation Delays.
14. See “Parameter Measurement Information” in the General Information section.
15. With one data channel toggling, tW(L)=tW(H)=4.0 ns and tr=tf=1.0 ns.
Ordering Information—FCT377T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.2
CY74FCT377CTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT377CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
5.5
CY54FCT377CTLMB
L61
20-Pin Square Leadless Chip Carrier
Military
7.2
CY74FCT377ATQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT377ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
8.3
CY54FCT377TLMB
L61
20-Pin Square Leadless Chip Carrier
Military
13.0
CY74FCT377TQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
Document #: 38-00279-B


Similar Part No. - CY54FCT377T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT377T TI1-CY54FCT377T Datasheet
683Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
CY54FCT377T TI1-CY54FCT377T_14 Datasheet
683Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
More results

Similar Description - CY54FCT377T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com