Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT138CTSOC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT138CTSOC
Description  1-of-8 Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT138CTSOC Datasheet(HTML) 6 Page - Texas Instruments

  CY74FCT138CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT138CTSOC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈3.5 V
0 V
VOL + 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR
3-STATE OUTPUTS
S1
7 V
500
GND
From Output
Under Test
CL = 50 pF
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
500
500
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CY74FCT138CTSOC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY74FCT138CTSOC CYPRESS-CY74FCT138CTSOC Datasheet
155Kb / 6P
   1-of-8 Decoder
More results

Similar Description - CY74FCT138CTSOC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A Datasheet
164Kb / 8P
   1-of-8 Decoder/ Demultiplexer
December, 2009 ??Rev. 0
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com