Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9220502MLA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9220502MLA
Description  Multi-Level Pipeline Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9220502MLA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962-9220502MLA Datasheet HTML 2Page - Texas Instruments 5962-9220502MLA Datasheet HTML 3Page - Texas Instruments 5962-9220502MLA Datasheet HTML 4Page - Texas Instruments 5962-9220502MLA Datasheet HTML 5Page - Texas Instruments 5962-9220502MLA Datasheet HTML 6Page - Texas Instruments 5962-9220502MLA Datasheet HTML 7Page - Texas Instruments 5962-9220502MLA Datasheet HTML 8Page - Texas Instruments 5962-9220502MLA Datasheet HTML 9Page - Texas Instruments 5962-9220502MLA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY29FCT520T
MULTILEVEL PIPELINE REGISTER
WITH 3-STATE OUTPUTS
SCCS011C – MAY 1994 – REVISED NOVEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
CY29FCT520ATDMB
CY29FCT520BTDMB
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CLK high or low
8
6
ns
t
S t
ti
b f
CLK
Data
6
2.8
ns
tsu
Setup time, before CLK
I
6
4.5
ns
th
Hold time after CLK
Data
2
2
ns
th
Hold time, after CLK
I
2
2
ns
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
CY29FCT520AT
CY29FCT520BT
CY29FCT520CT
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CLK high or low
7
5.5
5.5
ns
t
S t
ti
b f
CLK
Data
5
2.5
2.5
ns
tsu
Setup time, before CLK
I
5
4
4
ns
th
Hold time after CLK
Data
2
2
2
ns
th
Hold time, after CLK
I
2
2
2
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY29FCT520ATDMB
CY29FCT520BTDMB
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
CLK
Y
2
16
2
8
ns
tPHL
CLK
Y
2
16
2
8
ns
tPLH
S0 or S1
Y
2
15
2
8
ns
tPHL
S0 or S1
Y
2
15
2
8
ns
tPHZ
OE
Y
1.5
13
1.5
7.5
ns
tPLZ
OE
Y
1.5
13
1.5
7.5
ns
tPZH
OE
Y
1.5
16
1.5
8
ns
tPZL
OE
Y
1.5
16
1.5
8
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY29FCT520AT
CY29FCT520BT
CY29FCT520CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
CLK
Y
2
14
2
7.5
2
6
ns
tPHL
CLK
Y
2
14
2
7.5
2
6
ns
tPLH
S0 or S1
Y
2
13
2
7.5
2
6
ns
tPHL
S0 or S1
Y
2
13
2
7.5
2
6
ns
tPHZ
OE
Y
1.5
12
1.5
7
1.5
6
ns
tPLZ
OE
Y
1.5
12
1.5
7
1.5
6
ns
tPZH
OE
Y
1.5
15
1.5
7.5
1.5
6
ns
tPZL
OE
Y
1.5
15
1.5
7.5
1.5
6
ns


Similar Part No. - 5962-9220502MLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9220502MLA TI1-5962-9220502MLA Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
5962-9220502MLA TI1-5962-9220502MLA Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9220502MLA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
   Dual Pipeline Register
logo
Advanced Micro Devices
AM29C818A AMD-AM29C818A Datasheet
857Kb / 21P
   CMOS PIPELINE REGISTER WITH SSR DIAGNOSTICS
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
List of Unclassifed Man...
340 ETC1-340 Datasheet
325Kb / 1P
   Multi-level Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com