Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29FCT52CTSOCTE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CY29FCT52CTSOCTE4
Description  8-Bit Registered Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY29FCT52CTSOCTE4 Datasheet(HTML) 5 Page - Texas Instruments

  CY29FCT52CTSOCTE4 Datasheet HTML 1Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 2Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 3Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 4Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 5Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 6Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 7Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 8Page - Texas Instruments CY29FCT52CTSOCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY29FCT52T
8-BIT REGISTERED TRANSCEIVER
SCCS010A – MAY 1994 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
MIN
MAX
UNIT
tw
Pulse duration, clock
3
ns
t
Setup time before CPA
↑ or CPB↑
Data
2.5
ns
tsu
Setup time, before CPA
↑ or CPB↑
CEA or CEB
3
ns
th
Hold time after CPA
↑ or CPB↑
Data
1.5
ns
th
Hold time, after CPA
↑ or CPB↑
CEA or CEB
2
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
CPA CPB
AB
2
6.3
ns
tPHL
CPA, CPB
A, B
2
6.3
ns
tPZH
OEA or OEB
AorB
1.5
7
ns
tPZL
OEA or OEB
A or B
1.5
7
ns
tPHZ
OEA or OEB
AorB
1.5
6.5
ns
tPLZ
OEA or OEB
A or B
1.5
6.5
ns


Similar Part No. - CY29FCT52CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520ATDMB TI-CY29FCT520ATDMB Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520ATDMB TI1-CY29FCT520ATDMB Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATPC TI-CY29FCT520ATPC Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520ATPC TI1-CY29FCT520ATPC Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATPCE4 TI-CY29FCT520ATPCE4 Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
More results

Similar Description - CY29FCT52CTSOCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com