Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-1200-4 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1200-4
Description  WIDE BAND TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1200-4 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1200-4 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
PARAMETER
MIN.
TYP.
MAX.
UNITS
Inductance
400
µH
Primary
Leakage Inductance
150
300
nH
DC Resistance
0.4
ohms
Primary
DC Resistance
0.7
ohms
Secondary
Interwinding Capacitance
20
pF
ET
8.0
V
µS
Hi-pot
500
Vrms
1 of 1
11/10/99
T-1200-4
Turns Ratio (
+ 2 % )
1 : 2
WIDE BAND TRANSFORMER
Impedance: >600
Ω 3 to 10 MHz
Physical Dimensions
inches (mm)
QUAD STYLE
(4 Transformers per Package)
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 19 pieces per tube
Surface mount version of this part
available. Part# T-1200-4G
Schematic Diagram
9
12
16
15
7
15
13
10
4
28
PRI.
SEC.
SEC.
SEC.
PRI.
PRI.
3
14
11
6
SEC.
PRI.


Similar Part No. - T-1200-4

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1200-4G RHOMBUS-IND-T-1200-4G Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
More results

Similar Description - T-1200-4

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWB2256-SM XFMRS-XFWB2256-SM Datasheet
45Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040 Datasheet
26Kb / 1P
   Wide Band Transformer
XFWB1155-AM XFMRS-XFWB1155-AM Datasheet
46Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040_15 Datasheet
26Kb / 1P
   Wide Band Transformer
XFWB1040 XFMRS-XFWB1040 Datasheet
26Kb / 1P
   Wide Band Transformer
logo
Rhombus Industries Inc.
T-1200-4G RHOMBUS-IND-T-1200-4G Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
logo
XFMRS Inc.
XFWB0776-AN XFMRS-XFWB0776-AN Datasheet
35Kb / 1P
   Wide Band RF Transformer
XFWB0746-CN XFMRS-XFWB0746-CN Datasheet
35Kb / 1P
   Wide Band RF Transformer
logo
PCA ELECTRONICS INC.
EPR1623SE PCA-EPR1623SE Datasheet
41Kb / 1P
   Dual Wide Band Transformer
logo
XFMRS Inc.
XFWB0756-AN XFMRS-XFWB0756-AN Datasheet
48Kb / 1P
   Wide Band RF Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com